Electronic Components Datasheet Search
  English  ▼

X  

XC6227 Datasheet(PDF) 17 Page - Torex Semiconductor

Part # XC6227
Description  700mA High Speed LDO Regulator with Reverse Current Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6227 Datasheet(HTML) 17 Page - Torex Semiconductor

Back Button XC6227 Datasheet HTML 13Page - Torex Semiconductor XC6227 Datasheet HTML 14Page - Torex Semiconductor XC6227 Datasheet HTML 15Page - Torex Semiconductor XC6227 Datasheet HTML 16Page - Torex Semiconductor XC6227 Datasheet HTML 17Page - Torex Semiconductor XC6227 Datasheet HTML 18Page - Torex Semiconductor XC6227 Datasheet HTML 19Page - Torex Semiconductor XC6227 Datasheet HTML 20Page - Torex Semiconductor XC6227 Datasheet HTML 21Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17/25
XC6227
Series
■特性例
  (11)入力過渡応答特性例
  (12) 負荷過渡応答特性例
Ta = 25℃, IOUT=30mA
VIN = 5.5V⇔6.0V, tr = tf = 5μs, CL = 2.2μF (ceramic)
Ta = 25℃, IOUT=30mA
VIN = 5.5V⇔6.0V, tr = tf = 5μs, CL = 2.2μF (ceramic)
VIN=1.8V , Ta = 25℃ , IOUT = 10⇔100mA , tr=tf=5μs
CIN =1.0μF (ceramic) , CL=6.8μF(cceramic)
VIN=1.8V , Ta = 25℃ , IOUT = 10⇔300mA , tr=tf=5μs
CIN = 1.0μF (ceramic) , CL=6.8μF(ceramic)
VIN=2.5V , Ta = 25℃ , IOUT = 10⇔100mA , tr=tf=5μs
CIN = 1.0μF (ceramic) , CL=6.8μF(ceramic)
VIN=2.5V , Ta = 25℃ , IOUT = 10⇔300mA , tr=tf=5μs
CIN = 1.0μF (ceramic) , CL=6.8μF(ceramic)
XC6227x281
-0.2
0.8
1.8
2.8
3.8
4.8
5.8
Time [50μs/div]
2.78
2.79
2.80
2.81
2.82
2.83
2.84
Input Voltage
Output Voltage
XC6227x501
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Time [50μs/div]
4.98
4.99
5.00
5.01
5.02
5.03
5.04
Input Voltage
Output Voltage
XC6227x081
0.60
0.65
0.70
0.75
0.80
0.85
Time [100μs/div]
0
200
400
600
800
1000
Output Voltage
Output Current
XC6227x081
0.60
0.65
0.70
0.75
0.80
0.85
Time [100μs/div]
0
200
400
600
800
1000
Output Voltage
Output Current
XC6227x151
1.30
1.35
1.40
1.45
1.50
1.55
Time [100μs/div]
0
200
400
600
800
1000
Output Voltage
Output Current
XC6227x151
1.30
1.35
1.40
1.45
1.50
1.55
Time [40μs/div]
0
200
400
600
800
1000
Output Voltage
Output Current
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(11) Input Transient Response (Continued)
(12) Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com