Electronic Components Datasheet Search
  English  ▼

X  

XC6227 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6227
Description  700mA High Speed LDO Regulator with Reverse Current Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6227 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6227 Datasheet HTML 10Page - Torex Semiconductor XC6227 Datasheet HTML 11Page - Torex Semiconductor XC6227 Datasheet HTML 12Page - Torex Semiconductor XC6227 Datasheet HTML 13Page - Torex Semiconductor XC6227 Datasheet HTML 14Page - Torex Semiconductor XC6227 Datasheet HTML 15Page - Torex Semiconductor XC6227 Datasheet HTML 16Page - Torex Semiconductor XC6227 Datasheet HTML 17Page - Torex Semiconductor XC6227 Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14/25
XC6227 Series
■特性例
  (5) 出力電圧-周辺温度特性例
  (6) CE閾値-周辺温度特性例
  (7)逆流電流-出力電圧特性例
VIN=0V
VIN = 2.5V,IOUT=30mA
CIN = 1.0μF (ceramic),CL=6.8μF(ceramic)
VIN = 3.8V,IOUT=30mA
CIN = 1.0μF (ceramic),CL=2.2μF(ceramic)
VIN = 6.0V,IOUT=30mA
CIN = 1.0μF (ceramic),CL=2.2μF(ceramic)
VIN = 1.8V,IOUT=30mA
CIN = 1.0μF (ceramic),CL=6.8μF(ceramic)
XC6227x081
0.75
0.78
0.80
0.83
0.85
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [℃]
XC6227x151
1.40
1.45
1.50
1.55
1.60
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [℃]
XC6227x501
4.60
4.80
5.00
5.20
5.40
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [℃]
XC6227x281
2.60
2.70
2.80
2.90
3.00
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [℃]
XC6227
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [℃]
CE "H" LEVEL
CE "L" LEVEL
XC6227
-25
-20
-15
-10
-5
0
5
012345
6
Output Voltage:VOUT(V)
-40℃
25℃
85℃
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Output Voltage vs. Ambient Temperature
(6) CE Pin Threshold Voltage vs. Ambient Temperature
(7) Reverse Current vs. Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com