Electronic Components Datasheet Search
  English  ▼

X  

AD1845 Datasheet(PDF) 38 Page - Analog Devices

Part # AD1845
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD1845 Datasheet HTML 32Page - Analog Devices AD1845 Datasheet HTML 33Page - Analog Devices AD1845 Datasheet HTML 34Page - Analog Devices AD1845 Datasheet HTML 35Page - Analog Devices AD1845 Datasheet HTML 36Page - Analog Devices AD1845 Datasheet HTML 37Page - Analog Devices AD1845 Datasheet HTML 38Page - Analog Devices AD1845 Datasheet HTML 39Page - Analog Devices AD1845 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
AD1845
–38–
REV. C
APPENDIX
EXTENDED TEMPERATURE SPECIFICATIONS
Test Conditions
The AD1845 has been tested over the industrial temperature range. The typical values represent the limits that change with tempera-
ture. All other limits remain unchanged.
Temperature
–40
°C to +85°C
DAC Test Conditions
Digital Supply (VDD)
5.0 V
Calibrated
Analog Supply (VCC)
5.0 V
0 dB Attenuation
Sample Rate (FS )
48 kHz
16-Bit Linear Mode
Input Signal
1008 Hz
Mute Off, OL = 0
Analog Output Passband
20 Hz to 20 kHz
VIH
2.0 V
ADC Input Conditions
VIL
0.8 V
Calibrated
VOH
2.4 V
0 dB Gain
VOL
0.4 V
–1.0 dB Relative to Full Scale
Line Input
16-Bit Linear Mode
PROGRAMMABLE GAIN AMPLIFIER—ADC
Parameter
Min
Typ
Max
Units
Step Size (All Steps Tested) (0 dB to 22.5 dB)
1.75
dB
PGA Gain Range Span
22.83
dB
AUXILIARY, LINE, MONO, AND MICROPHONE INPUT
ANALOG GAIN/AMPLIFIERS/ATTENUATORS
Parameter
Min
Typ
Max
Units
Step Size AUX1, AUX2, LINE, MIC (All Steps Tested):
(+12 dB to –34.5 dB, Referenced to DAC Full Scale)
1.5
dB
Step Size: M_IN (All Steps Tested) (0 dB to –45 dB)
3.0
dB
Input Gain/Attenuation Range: AUX1, AUX2, LINE, MIC
46.2
dB
Input Gain/Attenuation Range: M_IN
43.5
dB
ANALOG-TO-DIGITAL CONVERTERS
Parameter
Min
Typ
Max
Units
Dynamic Range (–60 dB Input THD+N Referenced to
Full Scale, A-Weighted)
–81
dB
THD+N (Referenced to Full Scale)
–76
dB
DIGITAL-TO -ANALOG CONVERTERS
Parameter
Min
Typ
Max
Units
Dynamic Range (–60 dB Input THD+N Referenced to
Full Scale, A-Weighted)
–82
dB
THD+N (Referenced to Full Scale)
–78
dB
DAC ATTENUATOR
Parameter
Min
Typ
Max
Units
Step Size (0 dB to –22.5 dB)
–1.5
dB
ANALOG OUTPUT
Parameter
Min
Typ
Max
Units
VREF
2.36
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com