Electronic Components Datasheet Search
  English  ▼

X  

AD1895 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1895
Description  192 kHz Stereo Asynchronous Sample Rate Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1895 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1895 Datasheet HTML 4Page - Analog Devices AD1895 Datasheet HTML 5Page - Analog Devices AD1895 Datasheet HTML 6Page - Analog Devices AD1895 Datasheet HTML 7Page - Analog Devices AD1895 Datasheet HTML 8Page - Analog Devices AD1895 Datasheet HTML 9Page - Analog Devices AD1895 Datasheet HTML 10Page - Analog Devices AD1895 Datasheet HTML 11Page - Analog Devices AD1895 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
REV. B
AD1895
–8–
FREQUENCY – kHz
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
TPC 7. Wideband FFT Plot (16 k Points) 192 kHz: 48 kHz,
0 dBFS 1 kHz Tone
FREQUENCY – kHz
–200
–180
–160
–140
–120
–100
–80
–60
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
–190
–170
–150
–130
–110
–90
–70
–50
TPC 8. Wideband FFT Plot (16 k Points) 48 kHz: 48 kHz
–60 dBFS 1 kHz Tone (Asynchronous)
FREQUENCY – kHz
–200
–180
–160
–140
–120
–100
–80
–60
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
–190
–170
–150
–130
–110
–90
–70
–50
TPC 9. Wideband FFT Plot (16 k Points) 44.1 kHz: 48 kHz,
–60 dBFS 1 kHz Tone
FREQUENCY – kHz
05
10
15
20
25
30
35
40
45
–200
–180
–160
–140
–120
–100
–80
–60
–190
–170
–150
–130
–110
–90
–70
–50
TPC 10. Wideband FFT Plot (16 k Points) 48 kHz: 96 kHz,
–60 dBFS 1 kHz Tone
FREQUENCY – kHz
–200
–180
–160
–140
–120
–100
–80
–60
010
20
30
40
–190
–170
–150
–130
–110
–90
–70
–50
50
60
70
80
90
TPC 11. Wideband FFT Plot (16 k Points) 44.1 kHz: 192 kHz,
–60 dBFS 1 kHz Tone
–200
–180
–160
–140
–120
–100
–80
–60
–190
–170
–150
–130
–110
–90
–70
–50
FREQUENCY – kHz
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
TPC 12. Wideband FFT Plot (16 k Points) 48 kHz: 44.1 kHz,
–60 dBFS 1 kHz Tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com