Electronic Components Datasheet Search
  English  ▼

X  

AD1895 Datasheet(PDF) 17 Page - Analog Devices

Part # AD1895
Description  192 kHz Stereo Asynchronous Sample Rate Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1895 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1895 Datasheet HTML 13Page - Analog Devices AD1895 Datasheet HTML 14Page - Analog Devices AD1895 Datasheet HTML 15Page - Analog Devices AD1895 Datasheet HTML 16Page - Analog Devices AD1895 Datasheet HTML 17Page - Analog Devices AD1895 Datasheet HTML 18Page - Analog Devices AD1895 Datasheet HTML 19Page - Analog Devices AD1895 Datasheet HTML 20Page - Analog Devices AD1895 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. B
AD1895
–17–
FREQUENCY DOMAIN OF SAMPLES AT
fS_IN
FREQUENCY DOMAIN OF THE INTERPOLATION
FREQUENCY DOMAIN OF
fS_OUT RESAMPLING
FREQUENCY DOMAIN AFTER
RESAMPLING
IN
OUT
fS_IN
fS_OUT
INTERPOLATE
BY N
LOW-PASS
FILTER
ZERO-ORDER
HOLD
fS_IN
220
fS_IN
220
fS_IN
220
fS_IN
SIN(X)/X OF ZERO-ORDER HOLD
Figure 6. Frequency Domain of the Interpolation and
Resampling
HARDWARE MODEL
The output rate of the low-pass filter of Figure 5 would be the
interpolation rate, 2
20
× 192000 kHz = 201.3 GHz. Sampling at
a rate of 201.3 GHz is clearly impractical, not to mention the
number of taps required to calculate each interpolated sample.
However, since interpolation by 2
20 involves zero-stuffing 220–1
samples between each fS_IN sample, most of the multiplies in
the low-pass FIR filter are by zero. A further reduction can be
realized by the fact that since only one interpolated sample is
taken at the output at the fS_OUT rate, only one convolution
needs to be performed per fS_OUT period instead of 2
20 convo-
lutions. A 64-tap FIR filter for each fS_OUT sample is sufficient
to suppress the images caused by the interpolation.
The difficulty with the above approach is that the correct inter-
polated sample needs to be selected upon the arrival of fS_OUT.
Since there are 2
20 possible convolutions per f
S_OUT period, the
arrival of the fS_OUT clock must be measured with an accuracy
of 1/201.3 GHz = 4.96 ps. Measuring the fS_OUT period with a
clock of 201.3 GHz frequency is clearly impossible; instead,
several coarse measurements of the fS_OUT clock period are made
and averaged over time.
Another difficulty with the above approach is the number of
coefficients required. Since there are 2
20 possible convolutions
with a 64-tap FIR filter, there needs to be 2
20 polyphase coeffi-
cients for each tap, which requires a total of 2
26 coefficients. To
reduce the number of coefficients in ROM, the AD1895 stores a
small subset of coefficients and performs a high order interpola-
tion between the stored coefficients. So far, the above approach
works for the case of fS_OUT > fS_IN. However, in the case when
the output sample rate, fS_OUT, is less than the input sample
rate, fS_IN, the ROM starting address, input data, and length of
the convolution must be scaled. As the input sample rate rises
over the output sample rate, the antialiasing filter’s cutoff fre-
quency has to be lowered because the Nyquist frequency of the
output samples is less than the Nyquist frequency of the input
samples. To move the cutoff frequency of the antialiasing filter,
the coefficients are dynamically altered and the length of the
convolution is increased by a factor of fS_IN/fS_OUT. This tech-
nique is supported by the Fourier transform property that if f(t)
is F(
ω), then f(k × t) is F(ω/k). Thus, the range of decimation is
simply limited by the size of the RAM.
THE SAMPLE RATE CONVERTER ARCHITECTURE
The architecture of the sample rate converter is shown in
Figure 7. The sample rate converter’s FIFO block adjusts the
left and right input samples and stores them for the FIR filter’s
convolution cycle. The fS_IN counter provides the write address to
the FIFO block and the ramp input to the digital servo loop. The
ROM stores the coefficients for the FIR filter convolution and
performs a high order interpolation between the stored coefficients.
The sample rate ratio block measures the sample rate for dynami-
cally altering the ROM coefficients and scaling of the FIR filter
length as well as the input data. The digital servo loop automatically
tracks the fS_IN and fS_OUT sample rates and provides the RAM
and ROM start addresses for the start of the FIR filter convolution.
RIGHT DATA IN
LEFT DATA IN
FIFO
ROM A
ROM B
ROM C
ROM D
HIGH
ORDER
INTERP
DIGITAL
SERVO LOOP
FIR FILTER
SAMPLE RATE
RATIO
f
S_IN
COUNTER
SAMPLE RATE RATIO
EXTERNAL
RATIO
fS_IN
fS_OUT
L/R DATA OUT
Figure 7. Architecture of the Sample Rate Converter
The FIFO receives the left and right input data and adjusts the
amplitude of the data for both the soft muting of the sample rate
converter and the scaling of the input data by the sample rate
ratio before storing the samples in the RAM. The input data
is scaled by the sample rate ratio because as the FIR filter length
of the convolution increases, so does the amplitude of the convo-
lution output. To keep the output of the FIR filter from saturating,
the input data is scaled down by multiplying it by fS_OUT/fS_IN
when fS_OUT < fS_IN. The FIFO also scales the input data for
muting and unmuting the AD1895.
The RAM in the FIFO is 512 words deep for both left and right
channels. A small offset of 16 is added to the write address
provided by the fS_IN counter to prevent the RAM read pointer
from ever overlapping the write address. The maximum deci-
mation rate can be calculated from the RAM word depth as
(512 – 16)/64 taps = 7.75 and a small offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com