Electronic Components Datasheet Search
  English  ▼

X  

AD1895 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1895
Description  192 kHz Stereo Asynchronous Sample Rate Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1895 Datasheet(HTML) 1 Page - Analog Devices

  AD1895 Datasheet HTML 1Page - Analog Devices AD1895 Datasheet HTML 2Page - Analog Devices AD1895 Datasheet HTML 3Page - Analog Devices AD1895 Datasheet HTML 4Page - Analog Devices AD1895 Datasheet HTML 5Page - Analog Devices AD1895 Datasheet HTML 6Page - Analog Devices AD1895 Datasheet HTML 7Page - Analog Devices AD1895 Datasheet HTML 8Page - Analog Devices AD1895 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
AD1895*
192 kHz Stereo Asynchronous
Sample Rate Converter
FUNCTIONAL BLOCK DIAGRAM
VDD_IO VDD_CORE
SERIAL
INPUT
FIFO
FSOUT
FSIN
SERIAL
OUTPUT
DIGITAL
PLL
FIR
FILTER
CLOCK DIVIDER
ROM
AD1895
BYPASS
MUTE_OUT
MUTE_IN
SDATA_I
SCLK_I
LRCLK_I
SMODE_IN_0
SMODE_IN_1
SMODE_IN_2
MCLK_IN
MCLK_OUT
MMODE_0
MMODE_2
MMODE_1
WLNGTH_OUT_0
WLNGTH_OUT_1
SMODE_OUT_0
SMODE_OUT_1
TDM_IN
SDATA_O
SCLK_O
LRCLK_O
RESET
PRODUCT OVERVIEW
The AD1895 is a 24-bit, high performance, single-chip, second
generation asynchronous sample rate converter. Based upon
Analog Devices’ experience with its first asynchronous sample
rate converter, the AD1890, the AD1895 offers improved perfor-
mance and additional features. This improved performance
includes a THD + N range of –115 dB to –122 dB depending
on sample rate and input frequency, 128 dB (A-Weighted)
dynamic range, 192 kHz sampling frequencies for both input and
output sample rates, improved jitter rejection, and 1:8 upsampling
and 7.75:1 downsampling ratios. Additional features include
more serial formats, a bypass mode, and better interfacing to
digital signal processors.
The AD1895 has a 3-wire interface for the serial input and
output ports that supports left-justified, I
2S, and right-justified
(16-, 18-, 20-, 24-bit) modes. Additionally, the serial output
port supports TDM Mode for daisy-chaining multiple AD1895s to
a digital signal processor. The serial output data is dithered down
to 20, 18, or 16 bits when 20-, 18-, or 16-bit output data is
selected. The AD1895 sample rate converts the data from the
serial input port to the sample rate of the serial output port. The
sample rate at the serial input port can be asynchronous with
respect to the output sample rate of the output serial port. The
master clock to the AD1895, MCLK, can be asynchronous to
both the serial input and output ports.
MCLK can either be generated off-chip or on-chip by the AD1895
master clock oscillator. Since MCLK can be asynchronous to the
input or output serial ports, a crystal can be used to generate
MCLK internally to reduce noise and EMI emissions on the
board. When MCLK is synchronous to either the output or input
serial port, the AD1895 can be configured in a master mode where
MCLK is divided down and used to generate the left/right
and bit clocks for the serial port that is synchronous to MCLK.
The AD1895 supports master modes of 256
× fS, 512 × fS, and
768
× f
S for both input and output serial ports.
Conceptually, the AD1895 interpolates the serial input data by
a rate of 2
20 and samples the interpolated data stream by the
output sample rate. In practice, a 64-tap FIR filter with 2
20
polyphases, a FIFO, a digital servo loop that measures the time
difference between input and output samples within 5 ps, and a
digital circuit to track the sample rate ratio are used to perform
the interpolation and output sampling. Refer to the Theory of
Operation section. The digital servo loop and sample rate ratio
circuit automatically track the input and output sample rates.
(continued on page 15)
FEATURES
Automatically Senses Sample Frequencies
No Programming Required
Attenuates Sample Clock Jitter
3.3 V to 5 V Input and 3.3 V Core Supply Voltages
Accepts 16-/18-/20-/24-Bit Data
Up to 192 kHz Sample Rate
Input/Output Sample Ratios from 7.75:1 to 1:8
Bypass Mode
Multiple AD1895 TDM Daisy-Chain Mode
128 dB Signal-to-Noise and Dynamic Range
(A-Weighted, 20 Hz to 20 kHz BW)
Up to –122 dB THD + N
Linear Phase FIR Filter
Hardware Controllable Soft Mute
Supports 256
fS, 512
fS, or 768
fS Master Mode
Clock
Flexible 3-Wire Serial Data Port with Left-Justified,
I2S, Right-Justified (16-, 18-, 20-, 24-Bit), and TDM
Serial Port Modes
Master/Slave Input and Output Modes
28-Lead SSOP Plastic Package
APPLICATIONS
Home Theater Systems, Automotive Audio Systems,
DVD, DVD-R, CD-R, Set-Top Boxes, Digital Audio
Effects Processors
*Patents pending.


Similar Part No. - AD1895

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results

Similar Description - AD1895

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1896 AD-AD1896 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
3/03-Data Sheet changed from REV. 0 to REV. A.
logo
Cirrus Logic
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
32-bit, 192-kHz Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
192-kHz Stereo Asynchronous Sample-Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com