Electronic Components Datasheet Search
  English  ▼

X  

AD1895 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1895
Description  192 kHz Stereo Asynchronous Sample Rate Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1895 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1895 Datasheet HTML 5Page - Analog Devices AD1895 Datasheet HTML 6Page - Analog Devices AD1895 Datasheet HTML 7Page - Analog Devices AD1895 Datasheet HTML 8Page - Analog Devices AD1895 Datasheet HTML 9Page - Analog Devices AD1895 Datasheet HTML 10Page - Analog Devices AD1895 Datasheet HTML 11Page - Analog Devices AD1895 Datasheet HTML 12Page - Analog Devices AD1895 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. B
AD1895
–9–
FREQUENCY – kHz
–200
–180
–160
–140
–120
–100
–80
–60
0
2.5
5.0
7.5
10.0
–190
–170
–150
–130
–110
–90
–70
–50
12.5
15.0
17.5
20.0
22.5
TPC 13. Wideband FFT Plot (16 k Points) 96 kHz: 48 kHz,
–60 dBFS 1 kHz Tone
FREQUENCY – kHz
–200
–180
–160
–140
–120
–100
–80
–60
0
2.5
5.0
7.5
10.0
–190
–170
–150
–130
–110
–90
–70
–50
12.5
15.0
17.5
20.0
22.5
TPC 14. Wideband FFT Plot (16 k Points) 192 kHz: 48 kHz,
–60 dBFS 1 kHz Tone
FREQUENCY – kHz
–180
–160
–140
–120
–100
–80
–60
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
–40
–20
0
TPC 15. IMD, 10 kHz and 11 kHz, 0 dBFS Tone,
44:1 kHz: 48 kHz
FREQUENCY – kHz
–180
–160
–140
–120
–100
–80
–60
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
–40
–20
0
TPC 16. IMD, 10 kHz and 11 kHz, 0 dBFS Tone,
96 kHz: 48 kHz
FREQUENCY – kHz
0
2.5
5.0
7.5
10.0
–180
–160
–140
–120
–100
–80
–60
12.5
15.0
17.5
20.0
–40
–20
0
TPC 17. IMD, 10 kHz and 11 kHz, 0 dBFS Tone,
48 kHz: 44.1 kHz
FREQUENCY – kHz
–200
–180
–160
–140
–120
–100
–80
–60
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
–40
–20
0
TPC 18. Wideband FFT Plot (16 k Points) 44.1 kHz: 48 kHz,
0 dBFS 20 kHz Tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com