Electronic Components Datasheet Search
  English  ▼

X  

ACT8937A Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT8937A
Description  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8937A Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT8937A Datasheet HTML 12Page - Active-Semi, Inc ACT8937A Datasheet HTML 13Page - Active-Semi, Inc ACT8937A Datasheet HTML 14Page - Active-Semi, Inc ACT8937A Datasheet HTML 15Page - Active-Semi, Inc ACT8937A Datasheet HTML 16Page - Active-Semi, Inc ACT8937A Datasheet HTML 17Page - Active-Semi, Inc ACT8937A Datasheet HTML 18Page - Active-Semi, Inc ACT8937A Datasheet HTML 19Page - Active-Semi, Inc ACT8937A Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
ACT8937A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 16 -
www.active-semi.com
STEP-DOWN DC/DC ELECTRICAL CHARACTERISTICS
(VVP1 = VVP2 = VVP3 = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.7
5.5
V
UVLO Threshold
Input Voltage Rising
2.5
2.6
2.7
V
UVLO Hysteresis
Input Voltage Falling
100
mV
Quiescent Supply Current
Regulator Enabled
65
90
µA
Shutdown Current
VVP = 5.5V, Regulator Disabled
0
1
µA
Output Voltage Accuracy
V
VOUT ≥ 1.2V, IOUT = 10mA
-1%
VNOM
1%
VOUT < 1.2V, IOUT = 10mA
-2%
VNOM
2%
Line Regulation
VVP = Max(VNOM1 +1, 3.2V) to 5.5V
0.15
%/V
Load Regulation
IOUT = 10mA to IMAX2
0.0017
%/mA
Power Good Threshold
VOUT Rising
93
%VNOM
Power Good Hysteresis
VOUT Falling
2
%VNOM
Oscillator Frequency
VOUT ≥ 20% of VNOM
1.8
2
2.2
MHz
VOUT = 0V
500
kHz
Soft-Start Period
400
µs
Minimum On-Time
75
ns
REG1
Maximum Output Current
1.1
A
Current Limit
1.55
1.80
2.05
A
PMOS On-Resistance
ISW1 = -100mA
0.16
Ω
NMOS On-Resistance
ISW1 = 100mA
0.16
Ω
SW1 Leakage Current
VVP1 = 5.5V, VSW1 = 0 or 5.5V
0
1
µA
REG2
Maximum Output Current
1.1
A
Current Limit
1.55
1.80
2.05
A
PMOS On-Resistance
ISW2 = -100mA
0.16
Ω
NMOS On-Resistance
ISW2 = 100mA
0.16
Ω
SW2 Leakage Current
VVP2 = 5.5V, VSW2 = 0 or 5.5V
0
1
µA
REG3
Maximum Output Current
1.2
A
Current Limit
1.55
1.80
2.05
A
PMOS On-Resistance
ISW3 = -100mA
0.16
Ω
NMOS On-Resistance
ISW3 = 100mA
0.16
Ω
SW3 Leakage Current
VVP3 = 5.5V, VSW3 = 0 or 5.5V
0
1
µA
: VNOM refers to the nominal output voltage level for VOUT as defined by the Ordering Information section.
2
: IMAX Maximum Output Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com