Electronic Components Datasheet Search
  English  ▼

X  

ACT8937A Datasheet(PDF) 36 Page - Active-Semi, Inc

Part # ACT8937A
Description  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8937A Datasheet(HTML) 36 Page - Active-Semi, Inc

Back Button ACT8937A Datasheet HTML 32Page - Active-Semi, Inc ACT8937A Datasheet HTML 33Page - Active-Semi, Inc ACT8937A Datasheet HTML 34Page - Active-Semi, Inc ACT8937A Datasheet HTML 35Page - Active-Semi, Inc ACT8937A Datasheet HTML 36Page - Active-Semi, Inc ACT8937A Datasheet HTML 37Page - Active-Semi, Inc ACT8937A Datasheet HTML 38Page - Active-Semi, Inc ACT8937A Datasheet HTML 39Page - Active-Semi, Inc ACT8937A Datasheet HTML 40Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
ACT8937A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 36 -
www.active-semi.com
REG1, REG2, REG3 Turn-on Delay
Each of REG1, REG2 and REG3 features a
programmable Turn-on Delay which help ensure a
reliable qualification. This delay is programmed by
DELAY[2:0], as shown in Table 7.
Table 7:
REGx/DELAY[ ] Turn-On Delay
Operating Mode
By default, REG1, REG2, and REG3 each operate in
fixed-frequency PWM mode at medium to heavy
loads,
while
automatically
transitioning
to
a
proprietary power-saving mode at light loads in order
to maximize standby battery life. In applications
where low noise is critical, force fixed-frequency
PWM operation across the entire load current range,
at the expense of light-load efficiency, by setting the
MODE[ ] bit to 1.
OK[ ] and Output Fault Interrupt
Each DC/DC features a power-OK status bit that can
be read by the system microprocessor via the I2C
interface. If an output voltage is lower than the power-
OK threshold, typically 7% below the programmed
regulation voltage, that regulator's OK[ ] bit will be 0.
If a DC/DC's nFLTMSK[-] bit is set to 1, the
ACT8937A will interrupt the processor if that DC/DC's
output voltage falls below the power-OK threshold. In
this case, nIRQ will assert low and remain asserted
until either the regulator is turned off or back in
regulation, and the OK[ ] bit has been read via I2C.
PCB Layout Considerations
High switching frequencies and large peak currents
make PC board layout an important part of step-down
DC/DC converter design. A good design minimizes
excessive EMI on the feedback paths and voltage
gradients in the ground plane, both of which can
result in instability or regulation errors.
Step-down DC/DCs exhibit discontinuous input
current, so the input capacitors should be placed as
close as possible to the IC, and avoiding the use of
via if possible. The inductor, input filter capacitor, and
output filter capacitor should be connected as close
together as possible, with short, direct, and wide
traces. The ground nodes for each regulator's power
loop should be connected at a single point in a star-
ground configuration, and this point should be
connected to the backside ground plane with multiple
via. The output node for each regulator should be
connected to its corresponding OUTx pin through the
shortest possible route, while keeping sufficient
distance from switching nodes to prevent noise
injection. Finally, the exposed pad should be directly
connected to the backside ground plane using
multiple via to achieve low electrical and thermal
resistance.
REGx/VSET[2:0]
000
001
010
011
100
101
110
111
000
0.600
0.800
1.000
1.200
1.600
2.000
2.400
3.200
001
0.625
0.825
1.025
1.250
1.650
2.050
2.500
3.300
010
0.650
0.850
1.050
1.300
1.700
2.100
2.600
3.400
011
0.675
0.875
1.075
1.350
1.750
2.150
2.700
3.500
100
0.700
0.900
1.100
1.400
1.800
2.200
2.800
3.600
101
0.725
0.925
1.125
1.450
1.850
2.250
2.900
3.700
110
0.750
0.950
1.150
1.500
1.900
2.300
3.000
3.800
111
0.775
0.975
1.175
1.550
1.950
2.350
3.100
3.900
REGx/VSET[5:3]
Table 8:
REGx/VSET[ ] Output Voltage Setting
DELAY[2] DELAY[1] DELAY[0] TURN-ON DELAY
0
0
0
0 ms
0
0
1
2 ms
0
1
0
4 ms
0
1
1
8 ms
1
0
0
16 ms
1
0
1
32 ms
1
1
0
64 ms
1
1
1
128 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com