Electronic Components Datasheet Search
  English  ▼

X  

ACT8937A Datasheet(PDF) 34 Page - Active-Semi, Inc

Part # ACT8937A
Description  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8937A Datasheet(HTML) 34 Page - Active-Semi, Inc

Back Button ACT8937A Datasheet HTML 30Page - Active-Semi, Inc ACT8937A Datasheet HTML 31Page - Active-Semi, Inc ACT8937A Datasheet HTML 32Page - Active-Semi, Inc ACT8937A Datasheet HTML 33Page - Active-Semi, Inc ACT8937A Datasheet HTML 34Page - Active-Semi, Inc ACT8937A Datasheet HTML 35Page - Active-Semi, Inc ACT8937A Datasheet HTML 36Page - Active-Semi, Inc ACT8937A Datasheet HTML 37Page - Active-Semi, Inc ACT8937A Datasheet HTML 38Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
ACT8937A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 34 -
www.active-semi.com
Thermal Shutdown
The
ACT8937A
integrates
thermal
shutdown
protection circuitry to prevent damage resulting from
excessive thermal stress, as may be encountered
under fault conditions. This circuitry disables all
regulators if the ACT8937A die temperature exceeds
160°C, and prevents the regulators from being
enabled until the IC temperature drops by 20°C (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com