Electronic Components Datasheet Search
  English  ▼

X  

ACT8937A Datasheet(PDF) 20 Page - Active-Semi, Inc

Part # ACT8937A
Description  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8937A Datasheet(HTML) 20 Page - Active-Semi, Inc

Back Button ACT8937A Datasheet HTML 16Page - Active-Semi, Inc ACT8937A Datasheet HTML 17Page - Active-Semi, Inc ACT8937A Datasheet HTML 18Page - Active-Semi, Inc ACT8937A Datasheet HTML 19Page - Active-Semi, Inc ACT8937A Datasheet HTML 20Page - Active-Semi, Inc ACT8937A Datasheet HTML 21Page - Active-Semi, Inc ACT8937A Datasheet HTML 22Page - Active-Semi, Inc ACT8937A Datasheet HTML 23Page - Active-Semi, Inc ACT8937A Datasheet HTML 24Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
ACT8937A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 20 -
www.active-semi.com
TYPICAL PERFORMANCE CHARACTERISTICS
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
VREF vs. Temperature
PWRHLD holding OUT1 & OUT5 after
nPBIN is released
CH1
CH1: VnPBIN, 2V/div
CH2: VOUT5, 1V/div
CH3: VOUT1, 2V/div
CH4: VPWRHLD, 2V/div
TIME: 100ms/div
CH2
CH3
Frequency vs. Temperature
Temperature (°C)
-40
-20
0
20
40
60
80 85
CH4
Typical Oscillator Frequency=2MHz
Typical VREF=1.2V
0.84
0.42
0
-0.42
-0.84
2.5
2
1.5
1
0.5
0
-0.5
-1
PWREN Sequence
CH1
CH2
CH3
CH4
CH1: VPWREN, 5V/div
CH2: VOUT2, 1V/div
CH3: VOUT3, 1V/div
CH4: VOUT4, 1V/div
CH5: VOUT6, 1V/div
CH6: VOUT7, 2V/div
TIME: 4ms/div
CH5
CH6
nPBIN Startup Sequence
CH1: VnPBIN, 5V/div
CH2: VOUT5, 1V/div
CH3: VOUT2, 1V/div
CH4: VOUT1, 2V/div
CH5: VOUT6, 1V/div
CH6: VOUT7, 2V/div
TIME: 4ms/div
CH1
CH2
CH3
CH4
CH5
CH6
nPBIN Startup Sequence
CH1
CH2
CH3
CH4
CH1: VnPBIN, 5V/div
CH2: VOUT5, 1V/div
CH3: VOUT2, 1V/div
CH4: VOUT3, 1V/div
CH5: VOUT4, 1V/div
TIME: 2ms/div
CH5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com