Electronic Components Datasheet Search
  English  ▼

X  

ACT8937A Datasheet(PDF) 42 Page - Active-Semi, Inc

Part # ACT8937A
Description  Advanced PMU for Samsung S5PC100, S5PC110 and S5PV210 Processors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8937A Datasheet(HTML) 42 Page - Active-Semi, Inc

Back Button ACT8937A Datasheet HTML 37Page - Active-Semi, Inc ACT8937A Datasheet HTML 38Page - Active-Semi, Inc ACT8937A Datasheet HTML 39Page - Active-Semi, Inc ACT8937A Datasheet HTML 40Page - Active-Semi, Inc ACT8937A Datasheet HTML 41Page - Active-Semi, Inc ACT8937A Datasheet HTML 42Page - Active-Semi, Inc ACT8937A Datasheet HTML 43Page - Active-Semi, Inc ACT8937A Datasheet HTML 44Page - Active-Semi, Inc ACT8937A Datasheet HTML 45Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
ACT8937A
Rev 1, 22-Oct-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 42 -
www.active-semi.com
Charge-Control State Machine
PRECONDITION State
A
new
charging
cycle
begins
with
the
PRECONDITION state, and operation continues in
this state until VBAT exceeds the Precondition
Threshold
Voltage.
When
operating
in
PRECONDITION state, the cell is charged at 10%
of the programmed maximum fast-charge constant
current, ICHG.
Once VBAT reaches the Precondition Threshold
Voltage, the state machine jumps to the FAST-
CHARGE state. If VBAT does not reach the
Precondition
Threshold
Voltage
before
the
Precondition Time-out period expires, then the state
machine jumps to the TIME-OUT-FAULT state in
order to prevent charging a damaged cell. See the
Charge Safety Timers
section for more information.
FAST-CHARGE State
In the FAST-CHARGE state, the charger operates
in constant-current (CC) mode and regulates the
charge current to the current set by RISET . Charging
continues in CC mode until VBAT reaches the charge
termination voltage (VTERM), at which point the state-
machine jumps to the TOP-OFF state. If VBAT does
not reach VTERM before the total time out period
expires then the state-machine will jump to the
“EOC” state and will re-initiate a new charge cycle
after 32ms “relax”. See the Current Limits and
Charge Current Programming
sections for more
information about setting the maximum charge
current.
TOP-OFF State
In the TOP-OFF state, the cell charges in constant-
voltage (CV) mode. In CV mode operation, the
charger regulates its output voltage to the 4.20V
charge termination voltage, and the charge current
is naturally reduced as the cell approaches full
charge. Charging continues until the charge current
drops to END-OF-CHARGE current threshold, at
which point the state machine jumps to the END-
OF-CHARGE (EOC) state.
If the state-machine does not jump out of the TOP-
OFF state before the Total-Charge Time-out period
expires, the state machine jumps to the EOC state
and will re-initiate a new charge cycle if VBAT falls
below termination voltage 205mV (typ). For more
information about the charge safety timers, see the
Charging Safety Times
section.
END-OF-CHARGE (EOC) State
In the END-OF-CHARGE (EOC) state, the charger
presents
a
high-impedance
to
the
battery,
minimizing battery current drain and allowing the
cell to “relax”. The charger continues to monitor the
cell voltage, and re-initiates a charging sequence if
the cell voltage drops to 205mV (typ) below the
charge termination voltage.
SUSPEND State
The state-machine jumps to the SUSPEND state
any time the battery is removed, and any time the
input voltage either falls below the CHGIN UVLO
threshold or exceeds the OVP threshold. Once
none of these conditions are present, a new charge
cycle initiates.
A charging cycle may also be suspended manually
by setting the SUSPEND[ ] bit. In this case, initiate
a new charging sequence by clearing SUSPEND[ ]
to 0.
State Machine Interrupts
The charger features the ability to generate
interrupts
when
the
charger
state
machine
transitions, based upon the status of the CHG_ bits.
Set CHGEOCIN[ ] bit to 1 and CHGSTAT[ ] bit to 1
to generate an interrupt when the charger state
machine goes into the END-OF-CHARGE (EOC)
state. Set CHGEOCOUT[ ] bit to 1 and CHGSTAT[ ]
bit to 1 to generate an interrupt when the charger
state machine exits the EOC state.
CHGDAT[ ] indicates the status of the charger state
machine. A value of 1 indicates that the charger
state machine is
in END-OF-CHARGE state, a
value of 0 indicates the charger state machine is in
other states.
When an interrupt is generated by the charger state
machine, reading the CHGSTAT[ ] returns a value
of 1. CHGSTAT[ ] is automatically cleared to 0 upon
reading. When no interrupt is generated by the
charger state machine, reading the CHGSTAT[ ]
returns a value of 0.
For additional information about the charge cycle,
CSTATE[0:1] may be read at any time via I2C to
determine the current charging state.
Table 11:
Charging Status Indication
CSTATE[0] CSTATE[1]
STATE MACHINE STATUS
1
1
PRECONDITION State
1
0
FAST-CHARGE/
TOP-OFF State
0
1
END-OF-CHARGE State
0
0
SUSPEND/DISABLED/
FAULT State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com