Electronic Components Datasheet Search
  English  ▼

X  

AD73422 Datasheet(PDF) 12 Page - Analog Devices

Part # AD73422
Description  Dual Low Power CMOS Analog Front End with DSP Microcomputer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73422 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD73422 Datasheet HTML 8Page - Analog Devices AD73422 Datasheet HTML 9Page - Analog Devices AD73422 Datasheet HTML 10Page - Analog Devices AD73422 Datasheet HTML 11Page - Analog Devices AD73422 Datasheet HTML 12Page - Analog Devices AD73422 Datasheet HTML 13Page - Analog Devices AD73422 Datasheet HTML 14Page - Analog Devices AD73422 Datasheet HTML 15Page - Analog Devices AD73422 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
REV. 0
AD73422
–12–
Decimation Filter
The digital filter used in the AD73422’s AFE section carries out
two important functions. Firstly, it removes the out-of-band
quantization noise, which is shaped by the analog modulator,
and secondly, it decimates the high frequency bitstream to a
lower rate 16-bit word.
The antialiasing decimation filter is a sinc-cubed digital filter
that reduces the sampling rate from DMCLK/8 to DMCLK/
256, and increases the resolution from a single bit to 15 bits or
greater (depending on chosen sampling rate). Its Z transform is
given as: [(1–Z
–N)/(1–Z–1)]3 where N is set by the sampling rate
(N = 32 @ 64 kHz sampling . . . N = 256 @ 8 kHz sampling)
Thus when the sampling rate is 64 kHz a minimal group delay
of 25
µs can be achieved.
Word growth in the decimator is determined by the sampling
rate. At 64 kHz sampling, where the oversampling ratio between
sigma-delta modulator and decimator output equals 32, we get
five bits per stage of the three stage Sinc3 filter. Due to symme-
try within the sigma-delta modulator, the LSB will always be a
zero, therefore the 16-bit ADC output word will have 2 LSBs
equal to zero, one due to the sigma-delta symmetry and the
other being a padding zero to make up the 16-bit word. At
lower sampling rates, decimator word growth will be greater
than the 16-bit sample word, therefore truncation occurs in
transferring the decimator output as the ADC word. For example
at 8 kHz sampling, word growth reaches 24 bits due to the OSR
of 256 between sigma-delta modulator and decimator output.
This yields eight bits per stage of the 3-stage Sinc3 filter.
ADC Coding
The ADC coding scheme is in twos complement format (see
Figure 6). The output words are formed by the decimation
filter, which grows the word length from the single-bit output of
the sigma-delta modulator to a word length of up to 18 bits
(depending on decimation rate chosen), which is the final out-
put of the ADC block. In Data Mode this value is truncated to
16 bits for output on the Serial Data Output (SDO) pin. For
input values equal to or greater than positive full scale, however,
VREF
VFBP
VFBN
ANALOG
INPUT
VREF + (VREF
0.32875)
VREF – (VREF
0.32875)
ANALOG
INPUT
VREF + (VREF
0.6575)
VREF – (VREF
0.6575)
VFBP
VFBN
10...00
00...00
01...11
ADC CODE DIFFERENTIAL
10...00
00...00
01...11
ADC CODE SINGLE-ENDED
VREF
Figure 6. ADC Transfer Function
the output word is set at 0x7FFF, which has the LSB set to 1.
In mixed Control/Data Mode, the resolution is fixed at 15 bits,
with the MSB of the 16-bit transfer being used as a flag bit to
indicate either control or data in the frame.
Decoder Channel
The decoder channels consist of digital interpolators, digital
sigma-delta modulators, single bit digital-to-analog converters
(DAC), analog smoothing filters and programmable gain ampli-
fiers with differential outputs.
DAC Coding
The DAC coding scheme is in twos complement format with
0x7FFF being full-scale positive and 0x8000 being full-scale
negative.
Interpolation Filter
The anti-imaging interpolation filter is a sinc-cubed digital filter
that up-samples the 16-bit input words from the input sample
rate to a rate of DMCLK/8, while filtering to attenuate images
produced by the interpolation process. Its’ Z transform is given
as: [(1–Z
–N)/(1–Z–1)]3 where N is determined by the sampling
rate (N = 32 @ 64 kHz . . . N = 256 @ 8 kHz). The DAC re-
ceives 16-bit samples from the host DSP processor at the pro-
grammed sample rate of DMCLK/N. If the host processor fails
to write a new value to the serial port, the existing (previous)
data is read again. The data stream is filtered by the anti-imaging
interpolation filter, but there is an option to bypass the interpo-
lator for the minimum group delay configuration by setting the
IBYP bit (CRE:5) of Control Register E. The interpolation filter
has the same characteristics as the ADC’s antialiasing decima-
tion filter.
The output of the interpolation filter is fed to the DAC’s digital
sigma-delta modulator, which converts the 16-bit data to 1-bit
samples at a rate of DMCLK/8. The modulator noise-shapes
the signal so that errors inherent to the process are minimized in
the passband of the converter. The bitstream output of the
sigma-delta modulator is fed to the single bit DAC where it is
converted to an analog voltage.
Analog Smoothing Filter and PGA
The output of the single-bit DAC is sampled at DMCLK/8,
therefore it is necessary to filter the output to reconstruct the
low frequency signal. The decoder’s analog smoothing filter
consists of a continuous-time filter preceded by a third-order
switched-capacitor filter. The continuous-time filter forms part
of the output programmable gain amplifier (PGA). The PGA
can be used to adjust the output signal level from –15 dB to
+6 dB in 3 dB steps, as shown in Table II. The PGA gain is
set by bits OGS0, OGS1 and OGS2 (CRD:4-6) in Control
Register D.
Table II. PGA Settings for the Decoder Channel
OGS2
OGS1
OGS0
Gain (dB)
000
+6
001
+3
010
0
011
–3
100
–6
101
–9
110
–12
111
–15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com