Electronic Components Datasheet Search
  English  ▼

X  

AD73422 Datasheet(PDF) 4 Page - Analog Devices

Part # AD73422
Description  Dual Low Power CMOS Analog Front End with DSP Microcomputer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73422 Datasheet(HTML) 4 Page - Analog Devices

  AD73422 Datasheet HTML 1Page - Analog Devices AD73422 Datasheet HTML 2Page - Analog Devices AD73422 Datasheet HTML 3Page - Analog Devices AD73422 Datasheet HTML 4Page - Analog Devices AD73422 Datasheet HTML 5Page - Analog Devices AD73422 Datasheet HTML 6Page - Analog Devices AD73422 Datasheet HTML 7Page - Analog Devices AD73422 Datasheet HTML 8Page - Analog Devices AD73422 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
REV. 0
–4–
AD73422–SPECIFICATIONS
Parameter
Test Conditions
Min
Typ
Max
Units
DSP SECTION
VIH
Hi-Level Input Voltage
1, 2
@ VDD = max
2.0
V
VIH
Hi-Level CLKIN Voltage
@ VDD = max
2.2
V
VIL
Lo-Level Input Voltage
1, 3
@ VDD = min
0.8
V
VOH
Hi-Level Output Voltage
1, 4, 5
@ VDD = min
IOH = –0.5 mA
2.4
V
@ VDD = min
IOH = –100
µA6
VDD – 0.3
V
VOL
Lo-Level Output Voltage
1, 4, 5
@ VDD = min
IOL = 2 mA
0.4
V
IIH
Hi-Level Input Current
3
@ VDD = max
VIN = VDD max
10
µA
IIL
Lo-Level Input Current
3
@ VDD = max
VIN = 0 V
10
µA
IOZH
Three-State Leakage Current
7
@ VDD = max
VIN = VDD max
8
10
µA
IOZL
Three-State Leakage Current
7
@ VDD = max
VIN = 0 V
8
10
µA
IDD
Supply Current (Idle)
9
@ VDD = 3.6
tCK = 19 ns
10
12
mA
tCK = 25 ns
10
10
mA
tCK = 30 ns
10
9mA
IDD
Supply Current (Dynamic)
11
@ VDD = 3.6
TAMB = +25
°C
tCK = 19 ns
10
54
mA
tCK = 25 ns
10
43
mA
tCK = 30 ns
10
37
mA
CI
Input Pin Capacitance
3, 6, 12
@ VIN = 2.5 V
fIN = 1.0 MHz
TAMB = +25
°C8
12
pF
CO
Output Pin Capacitance
6, 7, 12, 13
@ VIN = 2.5 V
fIN = 1.0 MHz
TAMB = +25
°C
1020pF
NOTES
1 Bidirectional pins: D0–D23, RFS0, RFS1, SCLK0, SCLK1, TFS0, TFS1, A1–A13, PF0–PF7.
2 Input only pins: RESET, BR, DR0, DR1, PWD.
3 Input only pins: CLKIN, RESET, BR, DR0, DR1, PWD.
4 Output pins: BG, PMS, DMS, BMS, IOMS, CMS, RD, WR, PWDACK, A0, DT0, DT1, CLKOUT, FL2–0, BGH.
5 Although specified for TTL outputs, all AD73422 outputs are CMOS-compatible and will drive to VDD and GND, assuming no dc loads.
6 Guaranteed but not tested.
7 Three-statable pins: A0–A13, D0–D23, PMS, DMS, BMS, IOMS, CMS, RD, WR, DT0, DT1, SCLK0, SCLK1, TFS0, TFS1, RFS0, RFS1, PF0–PF7.
8 0 V on BR.
9 Idle refers to AD73422 state of operation during execution of IDLE instruction. Deasserted pins are driven to either VDD or GND.
10 V
IN = 0 V and 3 V. For typical figures for supply currents, refer to Power Dissipation section.
11 I
DD measurement taken with all instructions executing from internal memory. 50% of the instructions are multifunction (types 1, 4, 5, 12, 13, 14), 30% are type 2
and type 6, and 20% are idle instructions.
12 Applies to PBGA package type.
13 Output pin capacitance is the capacitive load for any three-stated output pin.
Specifications subject to change without notice.
(AVDD = DVDD = VDD = +3 V to 3.6 V; DGND = AGND = 0 V, fDMCLK = 16.384 MHz,
fSAMP = 64 kHz; TA = TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com