Electronic Components Datasheet Search
  English  ▼

X  

AD73422 Datasheet(PDF) 23 Page - Analog Devices

Part # AD73422
Description  Dual Low Power CMOS Analog Front End with DSP Microcomputer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73422 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD73422 Datasheet HTML 19Page - Analog Devices AD73422 Datasheet HTML 20Page - Analog Devices AD73422 Datasheet HTML 21Page - Analog Devices AD73422 Datasheet HTML 22Page - Analog Devices AD73422 Datasheet HTML 23Page - Analog Devices AD73422 Datasheet HTML 24Page - Analog Devices AD73422 Datasheet HTML 25Page - Analog Devices AD73422 Datasheet HTML 26Page - Analog Devices AD73422 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
REV. 0
AD73422
–23–
Full Memory Mode Pins (Mode C = 0)
Pin
# of
Input/
Name(s)
Pins
Output Function
A13:0
14
O
Address Output Pins for Program,
Data, Byte and I/O Spaces
D23:0
24
I/O
Data I/O Pins for Program, Data,
Byte and I/O Spaces (8 MSBs are
also used as Byte Memory
addresses)
Host Mode Pins (Mode C = 1)
Pin
# of
Input/
Name(s)
Pins
Output Function
IAD15:0
16
I/O
IDMA Port Address/Data Bus
A0
1
O
Address Pin for External I/O,
Program, Data or Byte Access
D23:8
16
I/O
Data I/O Pins for Program, Data
Byte and I/O Spaces
IWR
1
I
IDMA Write Enable
IRD
1
I
IDMA Read Enable
IAL
1
I
IDMA Address Latch Pin
IS
1
I
IDMA Select
IACK
1
O
IDMA Port Acknowledge Configur-
able in Mode D; Open Source
NOTE
In Host Mode, external peripheral addresses can be decoded using the A0,
CMS, PMS, DMS and IOMS signals.
Terminating Unused Pin
The following table shows the recommendations for terminating
unused pins.
Pin Terminations
I/O
Hi-Z*
Pin
3-State
Reset
Caused
Unused
Name
(Z)
State
By
Configuration
XTAL
I
I
Float
CLKOUT
O
O
Float
A13:1 or
O (Z)
Hi-Z
BR, EBR
Float
IAD12:0
I/O (Z)
Hi-Z
IS
Float
A0
O (Z)
Hi-Z
BR, EBR
Float
D23:8
I/O (Z)
Hi-Z
BR, EBR
Float
D7 or
I/O (Z)
Hi-Z
BR, EBR
Float
IWR
I
I
High (Inactive)
D6 or
I/O (Z)
Hi-Z
BR, EBR
Float
IRD
II
BR, EBR
High (Inactive)
D5 or
I/O (Z)
Hi-Z
Float
IAL
I
I
Low (Inactive)
D4 or
I/O (Z)
Hi-Z
BR, EBR
Float
IS
I
I
High (Inactive)
D3 or
I/O (Z)
Hi-Z
BR, EBR
Float
IACK
Float
D2:0 or
I/O (Z)
Hi-Z
BR, EBR
Float
IAD15:13
I/O (Z)
Hi-Z
IS
Float
PMS
O (Z)
O
BR, EBR
Float
DMS
O (Z)
O
BR, EBR
Float
BMS
O (Z)
O
BR, EBR
Float
IOMS
O (Z)
O
BR, EBR
Float
Pin Terminations (Continued)
I/O
Hi-Z*
Pin
3-State
Reset
Caused
Unused
Name
(Z)
State
By
Configuration
CMS
O (Z)
O
BR, EBR
Float
RD
O (Z)
O
BR, EBR
Float
WR
O (Z)
O
BR, EBR
Float
BR
I
I
High (Inactive)
BG
O (Z)
O
EE
Float
BGH
O
O
Float
IRQ2/PF7
I/O (Z)
I
Input = High (Inactive)
or Program as Output,
Set to 1, Let Float
IRQL1/PF6 I/O (Z)
I
Input = High (Inactive)
or Program as Output,
Set to 1, Let Float
IRQL0/PF5 I/O (Z)
I
Input = High (Inactive)
or Program as Output,
Set to 1, Let Float
IRQE/PF4
I/O (Z)
I
Input = High (Inactive)
or Program as Output,
Set to 1, Let Float
SCLK0
I/O
I
Input = High or Low,
Output = Float
RFS0
I/O
I
High or Low
DR0
I
I
High or Low
TFS0
I/O
O
High or Low
DT0
O
O
Float
SCLK1
I/O
I
Input = High or Low,
Output = Float
RFS1/IRQ0 I/O
I
High or Low
DR1/FI
I
I
High or Low
TFS1/IRQ1 I/O
O
High or Low
DT1/FO
O
O
Float
EE
I
I
EBR
II
EBG
OO
ERESET
II
EMS
OO
EINT
II
ECLK
I
I
ELIN
I
I
ELOUT
O
O
NOTES
*Hi-Z = High Impedance.
1. If the CLKOUT pin is not used, turn it OFF.
2. If the Interrupt/Programmable Flag pins are not used, there are two options:
Option 1: When these pins are configured as INPUTS at reset and function
as interrupts and input flag pins, pull the pins High (inactive).
Option 2: Program the unused pins as OUTPUTS, set them to 1, and let
them float.
3. All bidirectional pins have three-stated outputs. When the pins is configured
as an output, the output is Hi-Z (high impedance) when inactive.
4. CLKIN, RESET, and PF3:0 are not included in the table because these pins
must be used.
Interrupts
The interrupt controller allows the processor to respond to the
eleven possible interrupts and RESET with minimum overhead.
The AD73422 provides four dedicated external interrupt
input pins, IRQ2, IRQL0, IRQL1 and IRQE. In addition,
SPORT1 may be reconfigured for IRQ0, IRQ1, FLAG_IN
and FLAG_OUT, for a total of six external interrupts. The
AD73422 also supports internal interrupts from the timer, the
byte DMA port, the two serial ports, software and the power-
down control circuit. The interrupt levels are internally priori-
tized and individually maskable (except power-down and reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com