Electronic Components Datasheet Search
  English  ▼

X  

AD7398 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7398
Description  Quad, Serial-Input 12-Bit/10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7398 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7398 Datasheet HTML 8Page - Analog Devices AD7398 Datasheet HTML 9Page - Analog Devices AD7398 Datasheet HTML 10Page - Analog Devices AD7398 Datasheet HTML 11Page - Analog Devices AD7398 Datasheet HTML 12Page - Analog Devices AD7398 Datasheet HTML 13Page - Analog Devices AD7398 Datasheet HTML 14Page - Analog Devices AD7398 Datasheet HTML 15Page - Analog Devices AD7398 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. 0
AD7398/AD7399
–12–
CIRCUIT OPERATION
The AD7398 and AD7399 contain four, 12-bit and 10-bit,
voltage-output, digital-to-analog converters respectively. Each
DAC has its own independent multiplying reference input. Both
AD7398/AD7399 use 3-wire SPI-compatible serial data interface,
with an asynchronous
RS pin for zero-scale reset. In addition, a
LDAC strobe enables four channel simultaneous updates for
hardware synchronized output voltage changes.
D/A Converter Section
GND
VDD
VOUTA
VREF
R
VSS
AD7398/AD7399
R
Figure 5. Simplified DAC Channel
DAC OPERATION
The internal R-2R ladder of the AD7398 and AD7399 operate
in the voltage switching mode maintaining an output voltage
that is the same polarity as the input reference voltage. A propri-
etary scaling technique is used to attenuate the input reference
voltage in the DAC. The output buffer amplifies the internal
DAC output to achieve a VREF to VOUT gain of unity.
The nominal DAC output voltage is determined by the exter-
nally applied VREF and the digital data (D) as:
VV
D
OUT
REF
=×
4096
(For AD7398)
(1)
VV
D
OUT
REF
=×
1024
(For AD7399)
(2)
Where D is the 12-bit or 10-bit decimal equivalent of the data
word. VREF is the externally applied reference voltage.
In order to maintain good analog performance, bypass power
supplies with 0.01
µF ceramic capacitors (mount them close to
the supply pins) and 1
µF–10 µF Tantalum capacitors in paral-
lel. In additions, clean power supplies with low ripple voltage
capability should be used. Switching power supplies may be
used for this application but beware of its higher ripple voltage
and PSS frequency-dependent characteristics. It is also best to
supply the AD7398/AD7399’s power from the system’s analog
supply voltages. (Don’t use the digital 5 V supply).
The reference input resistance is code dependent exhibiting
worst case 35 k
Ω for AD7398 when the DAC is loaded with
alternating codes 010101010101. Similarly, the reference input
resistance is 40 k
Ω for AD7399 when the DAC is loaded with
0101010101.
OPERATION WITH VREF EQUAL TO THE SUPPLY
The AD7398/AD7399 is designed to approach the full output
voltage swing from ground to VDD or VSS. The maximum output
swing is achieved when the corresponding VREF input pin is tied
to the same power supply. This power supply should be low
noise and low ripple, preferably operated by a suitable reference
voltage source such as ADR292 and REF02. The output swing
CLK
GND
VDD
CS
SDI
DAC
REGISTER
POWER
ON RESET
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
VOUTA
VOUTB
VOUTC
VOUTD
A
VREF
C D
LDAC
RS
VSS
12/10
B
DAC A
DAC B
DAC C
DAC D
ADDRESS
DECODE
SERIAL
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
INPUT
REGISTER
4
AD7398/AD7399
Figure 4. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com