Electronic Components Datasheet Search
  English  ▼

X  

AD7398 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7398
Description  Quad, Serial-Input 12-Bit/10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7398 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7398 Datasheet HTML 8Page - Analog Devices AD7398 Datasheet HTML 9Page - Analog Devices AD7398 Datasheet HTML 10Page - Analog Devices AD7398 Datasheet HTML 11Page - Analog Devices AD7398 Datasheet HTML 12Page - Analog Devices AD7398 Datasheet HTML 13Page - Analog Devices AD7398 Datasheet HTML 14Page - Analog Devices AD7398 Datasheet HTML 15Page - Analog Devices AD7398 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
REV. 0
–16–
AD7398/AD7399
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Lead Wide SOIC
(R-16)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.050 (1.27)
BSC
16
9
8
1
0.4193 (10.65)
0.3937 (10.00)
0.2992 (7.60)
0.2914 (7.40)
PIN 1
0.4133 (10.50)
0.3977 (10.00)
0.0125 (0.32)
0.0091 (0.23)
8
0
0.0291 (0.74)
0.0098 (0.25)
45
0.0500 (1.27)
0.0157 (0.40)
VOUTA
VOUTB
VOUTC
VOUTD
VREF
DAC A
DAC B
DAC C
DAC D
VREFA
VREFB
VREFC
VREFD
ADR293
TO OTHER
COMPONENTS
AD7398/AD7399
VIN
R1 0.1%
R2 0.1%
Figure 16. Programmable DAC Reference
16-Lead TSSOP
(RU-16)
16
9
8
1
0.256 (6.50)
0.246 (6.25)
0.177 (4.50)
0.169 (4.30)
PIN 1
0.201 (5.10)
0.193 (4.90)
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256 (0.65)
BSC
0.0433 (1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com