Electronic Components Datasheet Search
  English  ▼

X  

AD7398 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7398
Description  Quad, Serial-Input 12-Bit/10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7398 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7398 Datasheet HTML 8Page - Analog Devices AD7398 Datasheet HTML 9Page - Analog Devices AD7398 Datasheet HTML 10Page - Analog Devices AD7398 Datasheet HTML 11Page - Analog Devices AD7398 Datasheet HTML 12Page - Analog Devices AD7398 Datasheet HTML 13Page - Analog Devices AD7398 Datasheet HTML 14Page - Analog Devices AD7398 Datasheet HTML 15Page - Analog Devices AD7398 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. 0
AD7398/AD7399
–15–
GND
VOUTA
VOUTB
VOUTC
VOUTD
VREF
WINDOW 1
WINDOW 2
WINDOW 3
Figure 15. Overlapping Windows Range
The nonoverlapping circuit employs one AD7398/AD7399 and
ten comparators to achieve five voltage windows. These windows
range between VREF and analog ground as shown in Figure 13.
Similarly, the overlapping circuit employs six comparators to
achieve three overlapping windows, Figure 15.
PROGRAMMABLE DAC REFERENCE VOLTAGE
With AD7398/AD7399’s flexibility, one of the internal DACs
can be used to control a common programmable VREFX for the
rest of the DACs.
The circuit configuration is shown in Figure 16. The relation-
ship of VREFX to VREF is dependent upon the digital code and
the ratio of R1 and R2, and is given by:
VV
R
R
V
DR
R
REFX
REF
REFX
N
=× +


××
1
2
12
2
1
–
(5)
V
V
R
R
DR
R
REFX
REF
N
=
×+


+×


1
2
1
1
2
2
1
(6)
Where D = Decimal Equivalent of Input Code
N = Number of Bits
VREF = Applied External Reference
VREFX = Reference Voltage for DAC A to D
Table V. VREFX vs. R1 and R2
R1, R2
Digital Code
VREFX
R1 = R2
0000 0000 0000
2 VREF
R1 = R2
1000 0000 0000
1.3 VREF
R1 = R2
1111 1111 1111
VREF
R1 = 3R2
0000 0000 0000
4 VREF
R1 = 3R2
1000 0000 0000
1.6 VREF
R1 = 3R2
1111 1111 1111
VREF
The accuracy of VREFX will be affected by the quality of R1 and
R2 and therefore, tight tolerance low tempco thin film resistors
should be used.
APPLICATIONS
STAIRCASE WINDOWS COMPARATOR
Many applications need to determine whether voltage levels are
within predetermined limits. Some requirements are for non-
overlapping windows and others for overlapping windows. Both
circuit configurations are shown in Figures 12 and 13 respectively.
GND
VDD
AD7398/
AD7399
VOUTA
VOUTB
VOUTC
VOUTD
VREF
VREFA
WINDOW 1
10k
V+
VTEST
AD8564
AD8564
1/2 AD8564
WINDOW 2
10k
V+
WINDOW 3
10k
WINDOW 4
10k
WINDOW 5
10k
V+
V+
V+
VREFB
VREFC
VREFD
Figure 12. Nonoverlapping Windows Comparator
GND
VOUTA
VOUTB
VOUTC
VOUTD
VREF
WINDOW 1
WINDOW 2
WINDOW 3
WINDOW 4
WINDOW 5
Figure 13. Nonoverlapping Windows Range
GND
AD7398/
AD7399
VOUTA
VOUTB
VOUTC
VOUTD
1/2 AD8564
10k
V+
VREF
VREFA
WINDOW 1
10k
V+
VTEST
AD8564
WINDOW 2
10k
V+
WINDOW 3
VREFB
VREFC
VREFD
VDD
Figure 14. Overlapping Windows Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com