Electronic Components Datasheet Search
  English  ▼

X  

AD7710 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7710
Description  Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7710 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7710 Datasheet HTML 20Page - Analog Devices AD7710 Datasheet HTML 21Page - Analog Devices AD7710 Datasheet HTML 22Page - Analog Devices AD7710 Datasheet HTML 23Page - Analog Devices AD7710 Datasheet HTML 24Page - Analog Devices AD7710 Datasheet HTML 25Page - Analog Devices AD7710 Datasheet HTML 26Page - Analog Devices AD7710 Datasheet HTML 27Page - Analog Devices AD7710 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
REV. F
–26–
AD7710
Table VIII. 8XC51 Code for Writing to the AD7710
MOV SCON,#00000000B;
Configure 8051 for MODE 0
Operation & Enable Serial Reception
MOV IE,#10010000B;
Enable Transmit Interrupt
MOV IP,#00010000B;
Prioritize the Transmit Interrupt
SETB 91H;
Bring
TFS High
SETB 90H;
Bring
TFS High
MOV R1,#003H;
Sets Number of Bytes to Be Written
in a Write Operation
MOV R0,#030H;
Start Address in RAM for Bytes
MOV A,#00H;
Clear Accumulator
MOV SBUF,A;
Initialize the Serial Port
WAIT:
JMP WAIT;
Wait for Interrupt
INT ROUTINE:
NOP;
Interrupt Subroutine
MOV A,R1;
Load R1 to Accumulator
JZ FIN;
If Zero Jump to FIN
DEC R1;
Decrement R1 Byte Counter
MOV A,@R;
Move Byte into the Accumulator
INC R0;
Increment Address
RLC A;
Rearrange Data—From LSB First
to MSB First
MOV B.0,C; RLC A; MOV B.1,C; RLC A;
MOV B.2,C; RLC A; MOV B.3,C; RLC A;
MOV B.4,C; RLC A; MOV B.5,C; RLC A;
MOV B.6,C; RLC A: MOV B.7,C; MOV A,B;
CLR 93H;
Bring A0 Low
CLR 91H;
Bring
TFS Low
MOV SBUF,A;
Write to Serial Port
RETI;
Return from Subroutine
FIN:
SETB 91H;
Set
TFS High
SETB 93H;
Set A0 High
RETI;
Return from Interrupt Subroutine
AD7710 to 68HC11 Interface
Figure 18 shows an interface between the AD7710 and the
68HC11 microcontroller. The AD7710 is configured for its
external clocking mode while the SPI port is used on the
68HC11 which is in its single chip mode. The
DRDY line from
the AD7710 is connected to the Port PC0 input of the 68HC11
so the
DRDY line is polled by the 68HC11. The DRDY line
can be connected to the
IRQ input of the 68HC11 if an inter-
rupt driven system is preferred. The 68HC11 MOSI and MISO
lines should be configured for wired-or operation. Depending
on the interface configuration, it may be necessary to provide
bidirectional buffers between the 68HC11’s MOSI and MISO
lines.
The 68HC11 is configured in the master mode with its CPOL
bit set to a logic zero and its CPHA bit set to a logic one. With a
10 MHz master clock on the AD7710, the interface will operate
with all four serial clock rates of the 68HC11.
AD7710
SDATA
SCLK
A0
RFS
TFS
PC0
MISO
SCK
PC1
PC2
MODE
PC3
DRDY
SYNC
68HC11
MOSI
SS
DVDD
DVDD
Figure 18. AD7710 to 68HC11 Interface
AD7710 to ADSP-2105 Interface
An interface circuit between the AD7710 and the ADSP-2105
microprocessor is shown in Figure 19. In this interface, the
AD7710 is configured for its self-clocking mode while the
RFS
and
TFS pins of the ADSP-2105 are configured as inputs and
the ADSP-2105 serial clock line is also configured as an input.
When the ADSP-2105’s serial clock is configured as an input it
needs a couple of clock pulses to initialize itself correctly before
accepting data. Therefore, the first read from the AD7710 may
not read correct data. In the interface shown, a read operation
to the AD7710 accesses either the output register or the calibra-
tion registers. Data cannot be read from the control register.
A write operation always writes to the control or calibration
registers.
DRDY is used as the frame synchronization pulse for read
operations from the output register and it is decoded with A0 to
drive the
RFS inputs of both the AD7710 and the ADSP-2105.
The latched A0 line drives the
TFS inputs of both the AD7710
and the ADSP-2105 as well as the AD7710 A0 input.
AD7710
SDATA
SCLK
A0
RFS
TFS
DR
SCLK
MODE
A0
DRDY
ADSP-2105
DT
DMWR
TFS
DVDD
D
74HC74
Q
Q
RFS
Figure 19. AD7710 to ADSP-2105 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com