Electronic Components Datasheet Search
  English  ▼

X  

AD7710 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7710
Description  Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7710 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7710 Datasheet HTML 20Page - Analog Devices AD7710 Datasheet HTML 21Page - Analog Devices AD7710 Datasheet HTML 22Page - Analog Devices AD7710 Datasheet HTML 23Page - Analog Devices AD7710 Datasheet HTML 24Page - Analog Devices AD7710 Datasheet HTML 25Page - Analog Devices AD7710 Datasheet HTML 26Page - Analog Devices AD7710 Datasheet HTML 27Page - Analog Devices AD7710 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD7710
REV. F
–27–
APPLICATIONS
Figure 20 shows a strain gage interfaced directly to one of the
analog input channels of the AD7710. The differential inputs to
the AD7710 are connected directly to the bridge network of the
strain gage. In the diagram shown, the on-chip reference of the
AD7710 provides the voltage for the bridge network and also
provides the reference voltage for the AD7710. An alternative
scheme, outlined in Figure 21, shows the analog positive supply
voltage powering the bridge network and the AD7710 with the
CLOCK
GENERATION
SERIAL INTERFACE
CONTROL
REGISTER
OUTPUT
REGISTER
CHARGE-BALANCING A/D
CONVERTER
DIGITAL
FILTER
AD7710
M
U
X
PGA
AGND
DGND
MODE SDATA SCLK
A0
MCLK
OUT
MCLK
I
AIN1(+)
AIN1(–)
REF
IN (–)
REF
IN (+)
SYNC
A = 1 – 128
DRDY
TFS
RFS
AIN2(+)
AIN2(–)
VSS
VBIAS
AVDD
DVDD
2.5V
REFERENCE
REF
OUT
ANALOG
+5V SUPPLY
R
R
ACTIVE
GAGE
DUMMY
GAGE
N
AUTO-ZEROED
MODULATOR
Figure 20. Strain-Gage Application with the AD7710
CLOCK
GENERATION
SERIAL INTERFACE
CONTROL
REGISTER
OUTPUT
REGISTER
CHARGE-BALANCING A/D
CONVERTER
AUTO-ZEROED
MODULATOR
DIGITAL
FILTER
AD7710
M
U
X
PGA
AGND
DGND
MODE SDATA SCLK
A0
MCLK
OUT
MCLK
IN
AIN1(+)
AIN1(–)
SYNC
A = 1 – 128
DRDY
TFS
RFS
AIN2(+)
AIN2(–)
VSS
VBIAS
AVDD
DVDD
2.5V
REFERENCE
R
R
ACTIVE
GAGE
DUMMY
GAGE
DIGITAL
+5V SUPPLY
ANALOG SUPPLY
EXCITATION
CURRENT
REF IN(+)
R =
VREF
IEXCITATION
REF IN(–)
REF
OUT
Figure 21. Alternate Scheme for Generating AD7710 Reference Voltage
reference voltage for the AD7710 generated across a resistor
which is placed in series with the bridge network. In this case,
the value of the reference resistor is determined by the required
reference voltage divided by the value of the excitation current.
The on-chip PGA allows the AD7710 to handle an analog input
voltage range as low as 20 mV full scale. The differential inputs
of the part allow this analog input range to have an absolute
value anywhere between VSS and AVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com