Electronic Components Datasheet Search
  English  ▼

X  

AD7890 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7890
Description  LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7890 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7890 Datasheet HTML 12Page - Analog Devices AD7890 Datasheet HTML 13Page - Analog Devices AD7890 Datasheet HTML 14Page - Analog Devices AD7890 Datasheet HTML 15Page - Analog Devices AD7890 Datasheet HTML 16Page - Analog Devices AD7890 Datasheet HTML 17Page - Analog Devices AD7890 Datasheet HTML 18Page - Analog Devices AD7890 Datasheet HTML 19Page - Analog Devices AD7890 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7890
–16–
REV. A
AD7890–68HC11 Interface
An interface circuit between the AD7890 and the 68HC11
microcontroller is shown in Figure 13. For the interface shown,
the AD7890 is configured for its external clocking mode while
the 68HC11’s SPI port is used and the 68HC11 is configured in
its single-chip mode. The 68HC11 is configured in the master
mode with its CPOL bit set to a logic zero and its CPHA bit set
to a logic one.
As with the previous interface, there are no provisions for moni-
toring when conversion is complete on the AD7890. To monitor
the conversion time on the AD7890 a scheme, such as outlined
in the previous interface with CONVST, can be used. This can
be implemented in two ways. One is to connect the CONVST
line to another parallel port bit which is configured as an input.
This port bit can then be polled to determine when conversion
is complete. An alternative is to use an interrupt driven system
in which case the CONVST line should be connected to the
IRQ
input of the 68HC11.
SMODE
TFS
DATA OUT
DATA IN
SCLK
AD7890
RFS
PC0
PC1
SCK
68HC11
DVDD
DVDD
MISO
MOSI
SS
Figure 13. AD7890 to 68HC11 Interface
The serial clock rate from the 68HC11 is limited to significantly
less than the allowable input serial clock frequency with which
the AD7890 can operate. As a result, the time to read data from
the part will actually be longer than the conversion time of the
part. This means that the AD7890 cannot run at its maximum
throughput rate when used with the 68HC11.
AD7890–ADSP-2101 Interface
An interface circuit between the AD7890 and the ADSP-2101
DSP processor is shown in Figure 14. The AD7890 is config-
ured for its external clocking mode with the ADSP-2101 provid-
ing the serial clock and frame synchronization signals. The
RFS1 and TFS1 inputs are outputs are configured for active low
operation.
SMODE
TFS
DATA OUT
DATA IN
SCLK
AD7890
RFS
RFS1
TFS1
SCLK1
ADSP-2101
DVDD
DR1
DT1
Figure 14. AD7890 to ADSP-2101 Interface
In the scheme shown, the maximum serial clock frequency
which the ADSP-2101 can provide is 6.25 MHz. This allows
the AD7890 to be operated at a sample rate of 111 kHz. If it is
desirable to operate the AD7890 at its maximum throughput
rate of 117 kHz, an external serial clock of 10 MHz can be pro-
vided to drive the serial clock input of both the AD7890 and the
ADSP-2101.
To monitor the conversion time on the AD7890 a scheme, such
as outlined in previous interfaces with CONVST, can be used.
This can be implemented by connecting the CONVST line
directly to the IRQ2 input of the ADSP-2101. An alternative to
this, where the user does not have to worry about monitoring
the conversion status, is to operate the AD7890 in its Self-
Clocking Mode. In this scheme, the actual interface connections
would remain the same as in Figure 14 but now the AD7890
provides the serial clock and receive frame synchronization sig-
nals. Using the AD7890 in its Self-Clocking Mode, limits the
throughput rate of the system as the serial clock rate is limited
to 2.5 MHz.
AD7890–DSP56000 Interface
Figure 15 shows an interface circuit between the AD7890 and
the DSP56000 DSP processor. The AD7890 is configured for
its external clocking mode. The DSP56000 is configured for
normal mode, synchronous operation with continuous clock. It
is also set up for a 16-bit word with SCK and SC2 as outputs.
The FSL bit of the DSP56000 should be set to 0.
The RFS and TFS inputs of the AD7890 are connected
together so data is transmitted to and from the AD7890 at the
same time. With the DSP56000 in synchronous mode, it pro-
vides a common frame synchronization pulse for read and write
operations on its SC2 output. This is inverted before being
applied to the RFS and TFS inputs of the AD7890.
To monitor the conversion time on the AD7890 a scheme, such
as outlined in previous interface examples with CONVST, can
be used. This can be implemented by connecting the CONVST
line directly to the IRQA input of the DSP56000.
SMODE
TFS
DATA OUT
DATA IN
SCLK
AD7890
RFS
SC2
SCK
DSP56000
DVDD
SRD
STD
Figure 15. AD7890 to DSP56000 Interface
AD7890–TMS320C25/30 Interface
Figure 16 shows an interface circuit between the AD7890 and
the TMS320C25/30 DSP processor. The AD7890 is configured
for its Self-Clocking Mode where it provides the serial clock and
frame synchronization signals. However, the TMS320C25/30
requires a continuous serial clock. In the scheme outlined here,
the AD7890’s master clock signal, CLK IN, is used to provide
the serial clock for the processor. The AD7890’s output SCLK,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com