Electronic Components Datasheet Search
  English  ▼

X  

AD7890 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7890
Description  LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7890 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7890 Datasheet HTML 12Page - Analog Devices AD7890 Datasheet HTML 13Page - Analog Devices AD7890 Datasheet HTML 14Page - Analog Devices AD7890 Datasheet HTML 15Page - Analog Devices AD7890 Datasheet HTML 16Page - Analog Devices AD7890 Datasheet HTML 17Page - Analog Devices AD7890 Datasheet HTML 18Page - Analog Devices AD7890 Datasheet HTML 19Page - Analog Devices AD7890 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD7890
–17–
REV. A
to which the serial data is referenced, is a delayed version of the
CLK IN signal. The typical delay between the CLK IN and
SCLK is 20 ns and will be no more than 50 ns over supplies and
temperature. Therefore, there will still be sufficient setup time
for DATA OUT to be clocked into the DSP on the edges of the
CLK IN signal. When writing data to the AD7890, the processor’s
data hold time is sufficiently long to cater for the delay between
the two clocks. The AD7890’s RFS signal connects to both the
FSX and FSR inputs of the processor. The processor can gener-
ate its own FSX signal so if required the interface can be modi-
fied so that the RFS and TFS signals are separated and the
processor generates the FSX signal which is connected to the
TFS
input of the AD7890.
In the scheme outlined here, the user does not have to worry
about monitoring the end of conversion. Once conversion is
complete, the AD7890 takes care of transmitting back its con-
version result to the processor. Once the sixteen bits of data
have been received by the processor into its serial shift register,
it generates an internal interrupt. Since RFS and TFS are con-
nected together, data is transmitted to the Control Register of
the AD7890 whenever the AD7890 transmits its conversion
result. The user just has to ensure that the word to be written to
the AD7890 Control Register is set up prior to the end of con-
version. As part of the interrupt routine which recognizes that
data has been read in, the processor can set up the data which it
is going to write to the Control Register next time around.
SMODE
TFS
DATA OUT
DATA IN
SCLK
AD7890
RFS
FSR
CLKX
TMS320C25/C30
DR
DX
CLKR
FSX
CLK INPUT
CLK IN
Figure 16. AD7890 to TMS320C25/30 Interface
ANTIALIASING FILTER
The AD7890 provides separate access to the multiplexer and
ADC via the MUX OUT and SHA IN pins. One of the reasons
for this is to allow the user to implement an antialiasing filter
between the multiplexer and the ADC. Inserting the antialiasing
filter at this point has the advantage that one antialiasing filter
can suffice for all eight channels rather than a separate antialias-
ing filter for each channel if they were to be placed prior to the
multiplexer.
The antialiasing filter inserted between the MUX OUT and
SHA IN pins will generally be a low-pass filter to remove high
frequency signals which could possibly be aliased back in-band
during the sampling process. It is recommended that this filter is
an active filter, ideally with the MUX OUT of the AD7890 driv-
ing a high impedance stage and the SHA IN of the part being
driven from a low impedance stage. This will remove any effects
from the variation of the part’s multiplexer on-resistance with
input signal voltage and will also remove any effects of a high
source impedance at the sampling input of the track/hold. With
an external antialiasing filter in place, the additional settling-
time associated with the filter should be accounted for by using
a larger capacitance on CEXT.
AD7890 PERFORMANCE
Linearity
The linearity of the AD7890 is primarily determined by the
on-chip 12-bit D/A converter. This is a segmented DAC which
is laser trimmed for 12-bit integral linearity and differential lin-
earity. Typical relative numbers for the part are
±1/4 LSB while
the typical DNL errors are
±1/2 LSB.
Noise
In an A/D converter, noise exhibits itself as code uncertainty in
dc applications and as the noise floor (in an FFT, for example)
in ac applications. In a sampling A/D converter like the
AD7890, all information about the analog input appears in the
baseband from dc to 1/2 the sampling frequency. The input
bandwidth of the track/hold exceeds the Nyquist bandwidth
and, therefore, an antialiasing filter should be used to remove
unwanted signals above fS/2 in the input signal in applications
where such signals exist.
Figure 17 shows a histogram plot for 8192 conversions of a dc
input using the AD7890. The analog input was set at the centre
of a code transition. The timing and control sequence used was
as per Figure 5 where the optimum performance of the ADC
was achieved. The same performance will be achieved in self-
clocking mode where the part transmits its data after conversion
is complete. It can be seen that almost all the codes appear in
the one output bin indicating very good noise performance from
the ADC. The rms noise performance for the AD7890-2 for the
above plot was 81
µV. Since the analog input range, and hence
LSB size, on the AD7893-4 is 1.638 times what it is for the
AD7893-2, the same output code distribution results in an out-
put rms noise of 143
µV for the AD7893-4. For the AD7890-10,
with an LSB size eight times that of the AD7890-2, the code distri-
bution represents an output rms noise of 648
µV.
9000
0
2000
1000
(X–3)
(X–4)
3000
4000
5000
6000
7000
8000
(X+4)
(X+3)
(X+2)
(X+1)
X
(X–1)
(X–2)
SAMPLING FREQUENCY = 102.4kHz
TA = +25°C
CODE
Figure 17. Histogram of 8192 Conversions of a DC Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com