Electronic Components Datasheet Search
  English  ▼

X  

AD7890 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7890
Description  LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7890 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7890 Datasheet HTML 12Page - Analog Devices AD7890 Datasheet HTML 13Page - Analog Devices AD7890 Datasheet HTML 14Page - Analog Devices AD7890 Datasheet HTML 15Page - Analog Devices AD7890 Datasheet HTML 16Page - Analog Devices AD7890 Datasheet HTML 17Page - Analog Devices AD7890 Datasheet HTML 18Page - Analog Devices AD7890 Datasheet HTML 19Page - Analog Devices AD7890 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD7890
–19–
REV. A
Effective Number of Bits
The formula for Signal to (Noise + Distortion) Ratio (See Ter-
minology section) is related to the resolution or number of bits
in the converter. Rewriting the formula, below, gives a measure
of performance expressed in effective number of bits (N):
N = (SNR — 1.76)/6.02
where SNR is Signal to (Noise + Distortion) Ratio
The effective number of bits for a device can be calculated
from its measured Signal to (Noise + Distortion) Ratio. Fig-
ure 21 shows a typical plot of effective number of bits versus
frequency for the AD7890-2 from dc to 40 kHz. The sampling
frequency is 102.4 kHz. The plot shows that the AD7890 con-
verts an input sine wave of 40 kHz to an effective numbers of
bits of 11 which equates to a Signal to (Noise + Distortion)
level of 68 dB.
12
10
040
11.5
10.5
11
20
INPUT FREQUENCY – kHz
Figure 21. Effective Number of Bits vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com