Electronic Components Datasheet Search
  English  ▼

X  

AD7890 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7890
Description  LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7890 Datasheet(HTML) 4 Page - Analog Devices

  AD7890 Datasheet HTML 1Page - Analog Devices AD7890 Datasheet HTML 2Page - Analog Devices AD7890 Datasheet HTML 3Page - Analog Devices AD7890 Datasheet HTML 4Page - Analog Devices AD7890 Datasheet HTML 5Page - Analog Devices AD7890 Datasheet HTML 6Page - Analog Devices AD7890 Datasheet HTML 7Page - Analog Devices AD7890 Datasheet HTML 8Page - Analog Devices AD7890 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7890
–4–
REV. A
TIMING CHARACTERISTICS1, 2
Limit at TMIN, TMAX
Parameter
(A, B, S Versions)
Units
Conditions/Comments
fCLKIN
3
100
kHz min
Master Clock Frequency. For Specified Performance
2.5
MHz max
tCLK IN LO
0.3
× t
CLK IN
ns min
Master Clock Input Low Time
tCLK IN HI
0 3
× t
CLK IN
ns min
Master Clock Input High Time
tr
4
25
ns max
Digital Output Rise Time. Typically 10 ns
tf
4
25
ns max
Digital Output Fall Time. Typically 10 ns
tCONVERT
5.9
µs max
Conversion Time
tCST
100
ns min
CONVST
Pulse Width
Self-Clocking Mode
t1
tCLK IN HI + 50
ns max
RFS
Low to SCLK Falling Edge
t2
5
25
ns max
RFS
Low to Data Valid Delay
t3
tCLK IN HI
ns nom
SCLK High Pulse Width
t4
tCLK IN LO
ns nom
SCLK Low Pulse Width
t5
5
20
ns max
SCLK Rising Edge to Data Valid Delay
t6
40
ns max
SCLK Rising Edge to RFS Delay
t7
6
50
ns max
Bus Relinquish Time after Rising Edge of SCLK
t8
0
ns min
TFS
Low to SCLK Falling Edge
tCLK IN + 50
ns max
t9
0
ns min
Data Valid to TFS Falling Edge Setup Time (A2 Address Bit)
t10
20
ns min
Data Valid to SCLK Falling Edge Setup Time
t11
10
ns min
Data Valid to SCLK Falling Edge Hold Time
t12
20
ns min
TFS
to SCLK Falling Edge Hold Time
External-Clocking Mode
t13
20
ns min
RFS
Low to SCLK Falling Edge Setup Time
t14
5
40
ns max
RFS
Low to Data Valid Delay
t15
50
ns min
SCLK High Pulse Width
t16
50
ns min
SCLK Low Pulse Width
t17
5
35
ns max
SCLK Rising Edge to Data Valid Delay
t18
20
ns min
RFS
to SCLK Falling Edge Hold Time
t19
6
50
ns max
Bus Relinquish Time after Rising Edge of RFS
t19A
6
90
ns max
Bus Relinquish Time after Rising Edge of SCLK
t20
20
ns min
TFS
Low to SCLK Falling Edge Setup Time
t21
10
ns min
Data Valid to SCLK Falling Edge Setup Time
t22
15
ns min
Data Valid to SCLK Falling Edge Hold Time
t23
40
ns min
TFS
to SCLK Falling Edge Hold Time
NOTES
1Sample tested at –25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2See Figures 8 to 11.
3The AD7890 is production tested with f
CLK IN at 2.5 MHz. It is guaranteed by characterization to operate at 100 kHz.
4Specified using 10% and 90% points on waveform of interest.
5These numbers are measured with the load circuit of Figure I and defined as the time required for the output to cross 0.8 V or 2.4 V.
6These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then
extrapolated back to remove effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus re-
linquish times of the part and as such are independent of external bus loading capacitances.
50pF
TO OUTPUT
PIN
200µA
1.6mA
+2.1V
Figure 1. Load Circuit for Access Time and Bus Relinquish Time
(VDD = +5 V
5%, AGND = DGND = 0 V, REF IN = +2.5 V, fCLK IN = 2.5 MHz external, MUX OUT
connected to SHA IN.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com