Electronic Components Datasheet Search
  English  ▼

X  

AD9617 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9617
Description  Low Distortion, Precision, Wide Bandwidth Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9617 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9617 Datasheet HTML 2Page - Analog Devices AD9617 Datasheet HTML 3Page - Analog Devices AD9617 Datasheet HTML 4Page - Analog Devices AD9617 Datasheet HTML 5Page - Analog Devices AD9617 Datasheet HTML 6Page - Analog Devices AD9617 Datasheet HTML 7Page - Analog Devices AD9617 Datasheet HTML 8Page - Analog Devices AD9617 Datasheet HTML 9Page - Analog Devices AD9617 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AD9617
–6–
REV. B
FREQUENCY – MHz
40
0
24
6
10
50
60
70
80
100
100
LOAD
90
500
LOAD
20
40
60
100
VOUT = 2V p-p
= 2ND HARMONIC
= 3RD HARMONIC
8
Figure 7. Harmonic Distortion
FREQUENCY – MHz
3
0
40
80
120
160
200
2
1
0
–1
–2
–3
–4
–5
–6
–7
45
0
–45
–90
–135
–180
90
135
180
RL = 500
RL = 100
RL = 50
Figure 8. Frequency Response vs. RLOAD
FREQUENCY – MHz
115
100
1k
10k
100k
100
85
70
55
40
25
4
3
2
1
5
6
7
nV/ Hz
pA/ Hz
(INVERTING)
Figure 9. Equivalent Input Noise
FREQUENCY – MHz
50
0
30
60
90
120
150
40
30
20
50
TEST
CIRCUIT
50
Figure 10. Intermodulation Distortion (IMD)
10ns/DIV
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
AV = +3
AV = –3
100
TEST CIRCUIT
6pF
Figure 11. Large Signal Pulse Response
10ns/DIV
1.0
0.5
0
–0.5
–1.0
AV = +3
AV = –3
100
TEST CIRCUIT
6pF
Figure 12. Small Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com