Electronic Components Datasheet Search
  English  ▼

X  

AD9617 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9617
Description  Low Distortion, Precision, Wide Bandwidth Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9617 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9617 Datasheet HTML 2Page - Analog Devices AD9617 Datasheet HTML 3Page - Analog Devices AD9617 Datasheet HTML 4Page - Analog Devices AD9617 Datasheet HTML 5Page - Analog Devices AD9617 Datasheet HTML 6Page - Analog Devices AD9617 Datasheet HTML 7Page - Analog Devices AD9617 Datasheet HTML 8Page - Analog Devices AD9617 Datasheet HTML 9Page - Analog Devices AD9617 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AD9617
–8–
REV. B
AC GAIN CHARACTERISTICS
Closed-loop bandwidth at high frequencies is determined pri-
marily by the roll-off of T(s). But circuit layout is critical to
minimize external parasitics which can degrade performance by
causing premature peaking and/or reduced bandwidth.
The inverting and noninverting dynamic characteristics are similar.
When driving the noninverting input, the inverting input capaci-
tance (CI) will cause the noninverting closed-loop bandwidth to
be higher than the inverting bandwidth for gains less than two
(2). In the remaining cases, inverting and noninverting responses
are nearly identical.
For best overall dynamic performance, the value of the feedback
resistor (RF) should be 400 ohms. Although bandwidth reduces
as closed-loop gain increases, the change is relatively small due
to low equivalent series input impedance, ZS. (See typical
performance charts.) The simplified equations governing the
device’s dynamic performance are shown below.
Closed-Loop Gain vs. Frequency:
(noninverting operation)
VO
V I
≈
1
+
RF
RI
s 1
+
RS
RI
+1
(6)
where:
= RF
× C
C = 0.9 ns (RF = 400 Ω)
Slew Rate
≈
∆V
O
RF KCC
× e−τ/RFKCC
(7)
where: K = 1 +
RS
RI
Increasing Bandwidth at Low Gains
By reducing RF, wider bandwidth and faster pulse response can
be attained beyond the specified values, although increased
overshoot, settling time and possible ac peaking may result. As a
rule of thumb, overshoot and bandwidth will increase by 1%
and 8%, respectively, for a 5% reduction in RF at gains of ± 10.
Lower gains will increase these sensitivities.
Equations 6 and 7 are simplified and do not accurately model
the second order (open loop) frequency response term which is
the primary contributor to overshoot, peaking and nonlinear
bandwidth expansion. (See Open Loop Bode Plots.) The user
should exercise caution when selecting RF values much lower
than 400
Ω. Note that a feedback resistor must be used in all
situations, including those in which the amplifier is used in a
noninverting unity gain configuration.
Increasing Bandwidth at High Gains
Closed loop bandwidth can be extended at high closed loop gain
by reducing RF. Bandwidth reduction is a result of the feedback
current being split between RS and RI. As the gain increases (for
a given RF), more feedback current is shunted through RI, which
reduces closed loop bandwidth (see Equation 6). To maintain
specified BW, the following equations can be used to approxi-
mate RF and RI for any gain from ± l to ± 15.
RF = 424 ± 8 G
(8)
(+ for inverting and – for noninverting)
RI ≈
424
− 8 G
G
−1
(noninverting)
(9)
RI ≈
424
+ 8 G
G
−1
(inverting)
(10)
G = Closed Loop Gain.
Bandwidth Reduction
The closed loop bandwidth can be reduced by increasing RF.
Equations 6 and 7 can be used to determine the closed loop
bandwidth for any value RF. Do not connect a feedback capaci-
tor across RF, as this will degrade dynamic performance and
possibly induce oscillation.
DC Precision and Noise
Output offset voltage results from both input bias currents and
input offset voltage. These input errors are multiplied by the
noise gain term (1 + RF/RI) and algebraically summed at the
output as shown below.
VO = V IO × 1 +
RF
RI


± IBn × R
N ×
1
+
RF
RI


± IBi × R
F
(11)
Since the inputs are asymmetrical, IBi and IBn do not correlate.
Canceling their output effects by making RN = RF RI will not
reduce output offset errors, as it would for voltage feedback
amplifiers. Typically, IBn is 5
µA and V
IO is +0.5 mV (I sigma =
0.3 mV), which means that the dc output error can be reduced
by making RN ≈ 100 Ω. Note that the offset drift will not change
significantly because the IBn TC is relatively small. (See specifi-
cation table.)
IBi
IBn
RI
RN
RF
VOUT
Figure 15. Output Offset Voltage
10
–55 C
5
0
–5
–10
25 C
125 C
0
0.5
1.0
–0.5
–1.0
IBi
VIO
IBn
Figure 16. DC Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com