Electronic Components Datasheet Search
  English  ▼

X  

AD9617 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9617
Description  Low Distortion, Precision, Wide Bandwidth Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9617 Datasheet(HTML) 1 Page - Analog Devices

  AD9617 Datasheet HTML 1Page - Analog Devices AD9617 Datasheet HTML 2Page - Analog Devices AD9617 Datasheet HTML 3Page - Analog Devices AD9617 Datasheet HTML 4Page - Analog Devices AD9617 Datasheet HTML 5Page - Analog Devices AD9617 Datasheet HTML 6Page - Analog Devices AD9617 Datasheet HTML 7Page - Analog Devices AD9617 Datasheet HTML 8Page - Analog Devices AD9617 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9617
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Low Distortion, Precision,
Wide Bandwidth Op Amp
FEATURES
Usable Closed-Loop Gain Range:
1 to
40
Low Distortion: –67 dBc (2nd) at 20 MHz
Small Signal Bandwidth: 190 MHz (AV = +3)
Large Signal Bandwidth: 150 MHz at 4 V p-p
Settling Time: 10 ns to 0.1%; 14 ns to 0.02%
Overdrive and Output Short Circuit Protected
Fast Overdrive Recovery
DC Nonlinearity 10 ppm
APPLICATIONS
Driving Flash Converters
D/A Current-to-Voltage Converters
IF, Radar Processors
Baseband and Video Communications
Photodiode, CCD Preamps
PIN CONFIGURATION
1
2
3
4
NC
*
AD9617
–INPUT
+INPUT
–VS
+VS
OUTPUT
**
NC = NO CONNECT
*OPTIONAL +VS
**OPTIONAL –VS
NOTE:
FOR BEST SETTLING TIME AND DISTORTION
PERFORMANCE, USE OPTIONAL SUPPLY
CONNECTIONS. PERFORMANCE INDICATED
IN SPECIFICATIONS IS BASED ON SUPPLY
CONNECTIONS TO THESE PINS.
8
7
6
5
GENERAL DESCRIPTION
The AD9617 is a current feedback amplifier which utilizes a
proprietary architecture to produce superior distortion and dc
precision. It achieves this along with fast settling, very fast slew
rate, wide bandwidth (both small signal and large signal) and
exceptional signal fidelity. The device achieves –67 dBc 2nd
harmonic distortion at 20 MHz while maintaining 190 MHz
small signal and 150 MHz large signal bandwidths.
These attributes position the AD9617 as an ideal choice for
driving flash ADCs and buffering the latest generation of
DACs. Optimized for applications requiring gain between
±1
to
±15, the AD9617 is unity gain stable without external
compensation.
The AD9617 offers outstanding performance in high fidelity,
wide bandwidth applications in instrumentation ranging from
network and spectrum analyzers to oscilloscopes, and in military
systems such as radar, SIGINT and ESM systems. The superior
slew rate, low overshoot and fast settling of the AD9617 allow the
device to be used in pulse applications such as communications
receivers and high speed ATE. Most monolithic op amps suffer
in these precision pulse applications due to slew rate limiting.
The AD9617J operates over the range of 0
°C to +70°C and is
available in either an 8-lead plastic DIP or an 8-1ead plastic
small outline package (SOIC).


Similar Part No. - AD9617

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
Wide Bandwidth, Fast Settling Operational Amplifier
AD9610 AD-AD9610 Datasheet
567Kb / 8P
WIDE BANDWIDTH FAST SETTLING
AD9610BH AD-AD9610BH Datasheet
556Kb / 8P
Wide Bandwidth, Fast Settling Operational Amplifier
AD9610TH AD-AD9610TH Datasheet
556Kb / 8P
Wide Bandwidth, Fast Settling Operational Amplifier
AD9610TH/883B AD-AD9610TH/883B Datasheet
556Kb / 8P
Wide Bandwidth, Fast Settling Operational Amplifier
More results

Similar Description - AD9617

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9618 AD-AD9618 Datasheet
414Kb / 8P
Low Distortion, Precision, Wide Bandwidth Op Amp
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
Low Distortion Wideband Op Amp
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
LOW DISTORTION WIDEBAND OP AMP
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
Low Distortion Wideband Op Amp
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
Low Distortion Wideband Op Amp
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
Precision, High-Bandwidth Op Amp
Rev 0; 9/10
logo
Analog Devices
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9618 AD-AD9618_15 Datasheet
474Kb / 8P
LOW DISTORTION PRECISION WIDE BANDWIDTH OP AMP
REV. A
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
Precision, High-Bandwidth Op Amp
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com