Electronic Components Datasheet Search
  English  ▼

X  

AD9617 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9617
Description  Low Distortion, Precision, Wide Bandwidth Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9617 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9617 Datasheet HTML 2Page - Analog Devices AD9617 Datasheet HTML 3Page - Analog Devices AD9617 Datasheet HTML 4Page - Analog Devices AD9617 Datasheet HTML 5Page - Analog Devices AD9617 Datasheet HTML 6Page - Analog Devices AD9617 Datasheet HTML 7Page - Analog Devices AD9617 Datasheet HTML 8Page - Analog Devices AD9617 Datasheet HTML 9Page - Analog Devices AD9617 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AD9617
–10–
REV. B
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Small Outline Package
(SO-8)
85
4
1
0.198 (5.00)
0.188 (4.74)
0.244 (6.200)
0.228 (5.80)
PIN 1
0.158 (4.00)
0.150 (3.80)
0.050 (1.27)
BSC
0.069 (1.75)
0.053 (1.35)
SEATING
PLANE
0.010 (0.25)
0.004 (0.10)
0.018 (0.46)
0.014 (0.36)
0.015 (0.38)
0.007 (0.18)
0.045 (1.15)
0.020 (0.50)
8
0
0.205 (5.20)
0.181 (4.60)
Plastic DIP
(N-8)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.210
(5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.200 (5.05)
0.125 (3.18)
0.070 (1.77)
0.045 (1.15)
0.150
(3.81)
MIN
8
14
5
PIN 1
0.280 (7.11)
0.240 (6.10)
0.100 (2.54)
BSC
0.430 (10.92)
0.348 (8.84)
0.015 (0.381)
0.008 (0.204)
0.325 (8.25)
0.300 (7.62)
0 –15
LAYOUT CONSIDERATIONS
As with all high performance amplifiers, printed circuit layout is
critical in obtaining optimum results with the AD9617. The
ground plane in the area of the amplifier should cover as much
of the component side of the board as possible. Each power
supply trace should be decoupled close to the package with at
least a 3.3
µF tantalum and a low inductance, 0.1 µF ceramic
capacitor.
All lead lengths for input, output and the feedback resistor
should be kept as short as possible. All gain setting resistors
should be chosen for low values of parasitic capacitance and
inductance, i.e., microwave resistors and/or carbon resistors.
Stripline techniques should be used for lead lengths in excess of
one inch. Sockets should be avoided if possible because of their
stray inductance and capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com