Electronic Components Datasheet Search
  English  ▼

X  

AD9617 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9617
Description  Low Distortion, Precision, Wide Bandwidth Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9617 Datasheet(HTML) 3 Page - Analog Devices

  AD9617 Datasheet HTML 1Page - Analog Devices AD9617 Datasheet HTML 2Page - Analog Devices AD9617 Datasheet HTML 3Page - Analog Devices AD9617 Datasheet HTML 4Page - Analog Devices AD9617 Datasheet HTML 5Page - Analog Devices AD9617 Datasheet HTML 6Page - Analog Devices AD9617 Datasheet HTML 7Page - Analog Devices AD9617 Datasheet HTML 8Page - Analog Devices AD9617 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
–3–
REV. B
AD9617
AC ELECTRICAL CHARACTERISTICS
Test
AD9617JN/JR
AD9617AQ/SQ*
AD9617BQ/TQ*
Parameter
Conditions
Temp
Level
Min
Typ
Max Min
Typ
Max
Min
Typ
Max
Units
FREQUENCY DOMAIN
Bandwidth (–3 dB)
Small Signal
VOUT ≤ 2 V p-p
Full
II
135
190
145
190
145
190
MHz
Large Signal
VOUT = 4 V p-p
Full
IV
150
115
150
115
150
MHz
Bandwidth Variation vs. AV
AV = –1 to ± 15
+25
°C V
40
40
40
MHz
Amplitude of Peaking (<50 MHz) T = TMIN to +25°C
←
II
0
0
0.3
0
0.3
dB
T = TMAX
←
II
0
0
0.6
0
0.6
dB
Amplitude of Peaking (>50 MHz) T = TMIN to +25°C
←
II
0
0
0.8
0
0.8
dB
T = TMAX
←
II
0
0
1.0
0
1.0
dB
Amplitude of Roll-Off (<60 MHz)
Full
II
0.1
0.1
0.6
0.1
0.6
dB
Phase Nonlinearity
DC to 75 MHz
+25
°C V
0.5
0.5
0.5
Degree
2nd Harmonic Distortion
2 V p-p; 4.3 MHz
Full
IV
–86
–78
–86
–78
–86
–78
dBc
2 V p-p; 20 MHz
Full
IV
–67
–59
–67
–59
–67
–59
dBc
2 V p-p; 60 MHz
Full
II
–51
–43
–51
–43
–51
–43
dBc
3rd Harmonic Distortion
2 V p-p; 4.3 MHz
Full
IV
–83
–75
–83
–75
–83
–75
dBc
2 V p-p; 20 MHz
Full
IV
–69
–61
–69
–61
–69
–61
dBc
2 V p-p; 60 MHz
Full
II
–54
–46
–54
–46
–54
–46
dBc
Input Noise Voltage
10 MHz
+25
°C V
1.2
1.2
1.2
nV/
√Hz
Inverting Input Noise Current
10 MHz
+25
°C V
29
29
29
pA/
√Hz
Average Equivalent Integrated
Input Noise Voltage
0.1 MHz to 200 MHz +25
°C V
55
55
55
µV, rms
TIME DOMAIN
Slew Rate
VOUT = 4 V Step
Full
IV
1400
1100 1400
1100
1400
V/
µs
Rise/Fall Time
VOUT = 2 V Step
Full
IV
2.0
2.0
2.5
2.0
2.5
ns
VOUT = 4 V Step
T = +25
°C to T
MAX
←
IV
2.4
2.4
3.3
2.4
3.3
ns
VOUT = 4 V Step
T = TMIN
←
IV
2.4
2.4
3.5
2.4
3.5
ns
Overshoot
VOUT = 2 V Step
Full
IV
3
3
14
3
14
%
Settling Time
To 0.1%
VOUT = 2 V Step
Full
IV
10
10
15
10
15
ns
To 0.02%
VOUT = 2 V Step
Full
IV
14
14
23
14
23
ns
To 0.1%
VOUT = 4 V Step
Full
IV
11
11
16
11
16
ns
To 0.02%
VOUT = 4 V Step
Full
IV
16
16
24
16
24
ns
2
× Overdrive Recovery to
±2 mV of Final Value
VIN = 1.7 V Step
+25
°C V
50
50
50
ns
Propagation Delay
+25
°CV
2
2
2
ns
Differential Gain
1
Full
V
<0. 01
<0. 01
<0 .01
%
Differential Phase
1
Full
V
0.01
0.01
0.01
Degree
POWER SUPPLY REQUIREMENTS
Quiescent Current
+IS
Full
II
34
48
34
48
34
48
mA
–IS
Full
II
34
48
34
48
34
48
mA
NOTES
*Pending obsoletion: last-time buy October 25, 1999.
1Frequency = 4.3 MHz; R
L = 150
Ω; A
V = +3.
Specifications subject to change without notice.
(Unless otherwise noted, AV = +3;
VS =
5 V; RF = 400
; RLOAD = 100
)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com