Electronic Components Datasheet Search
  English  ▼

X  

AD9617 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9617
Description  Low Distortion, Precision, Wide Bandwidth Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9617 Datasheet(HTML) 2 Page - Analog Devices

  AD9617 Datasheet HTML 1Page - Analog Devices AD9617 Datasheet HTML 2Page - Analog Devices AD9617 Datasheet HTML 3Page - Analog Devices AD9617 Datasheet HTML 4Page - Analog Devices AD9617 Datasheet HTML 5Page - Analog Devices AD9617 Datasheet HTML 6Page - Analog Devices AD9617 Datasheet HTML 7Page - Analog Devices AD9617 Datasheet HTML 8Page - Analog Devices AD9617 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
–2–
REV. B
AD9617–SPECIFICATIONS
DC ELECTRICAL CHARACTERISTICS
Test
AD9617JN/JR
AD9617AQ/SQ*
AD9617BQ/TQ*
Parameter
Conditions
Temp
Level
Min
Typ
Max Min
Typ
Max
Min
Typ
Max
Units
Input Offset Voltage
1, 2
+25
°C I
–1.1
+0.5
+2.2
–1.1
+0.5
+2.2
+0.0
+0.5
+1.35 mV
Input Offset Voltage TC
2
Full
IV
–4
+3
+25
–4
+3
+25
–4
+3
+25
µV/°C
Input Bias Current
2
Inverting
+25
°C I
–50
0
+50
–50
0
+50
–25
0
+25
µA
Noninverting
+25
°C I
–25
+5
+35
–25
+5
+35
–15
+5
+20
µA
Input Bias Current TC
2
Noninverting
Full
IV
–50
+30
+125 –50
+30
+125
–50
+30
+125
nA/
°C
Inverting
Full
IV
–50
+50
+150 –50
+50
+150
–50
+50
+150
nA/
°C
Input Resistance
Noninverting
+25
°C V
60
60
60
k
Ω
Input Capacitance
Noninverting
+25
°C V
1.5
1.5
1.5
pF
Common-Mode Input Range
3
T = TMAX
←
II
±1.4 ±1.5
±1.4 ±1.5
±1.4 ±1.5
V
T = TMIN to +25°C
←
II
±1.7 ±1.8
±1.7 ±1.8
±1.7 ±1.8
V
Common-Mode Rejection Ratio
4
T = TMIN to TMAX
←
II
44
48
44
48
44
48
dB
T = TMIN to +25°C
←
II
48
51
48
51
48
51
dB
Power Supply Rejection Ratio
∆V
S = ± 5%
Full
II
48
51
48
51
48
51
dB
Open Loop Gain
TO
At DC
+25
°C V
500
500
500
k
Ω
Nonlinearity
At DC
+25
°C IV
10
10
10
ppm
Output Voltage Range
+25
°CII
±3.4 ±3.8
±3.4 ±3.8
±3.4 +3.8
V
Output Impedance
At DC
+25
°C V
0.07
0.07
0.07
Ω
Output Current (50
Ω Load)
T = +25
°C to T
MAX
←
II
60
60
60
mA
T = TMIN
←
II
50
50
50
mA
NOTES
*Pending obsoletion: last-time buy October 25, 1999.
1Measured with respect to the inverting input.
2Typical is defined as the mean of the distribution.
3Measured in voltage follower configuration.
4Measured with V
IN = +0.25 V.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltages (
±V
S) . . . . . . . . . . . . . . . . . . . . . . . . . . .
+7 V
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . .
±Vs
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 3 V
Continuous Output Current
2 . . . . . . . . . . . . . . . . . . . . . 70 mA
Operating Temperature Ranges
AD9617JN/JR . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature
AD9617JN/JR . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Junction Temperature
3
AD9617JN/JR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Lead Soldering Temperature (10 Seconds) . . . . . . . . . +300
°C
NOTES
1 Absolute maximum ratings are limiting values to be applied individually and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2 Output is short circuit protected to ground, but not to supplies. Continuous
short circuit to ground may affect device reliability.
3 Typical thermal impedances (part soldered onto board):
Plastic DIP:
θ
JA = 140°C/W;
θ
JC = 30°C/W. SOIC Package:
θ
JA = 155°C/W;
θ
JC = 40°C/W.
(Unless otherwise noted, AV = +3;
VS =
5 V; RF = 400
; RLOAD = 100
)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com