Electronic Components Datasheet Search
  English  ▼

X  

AD9835 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9835
Description  50 MHz CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9835 Datasheet HTML 2Page - Analog Devices AD9835 Datasheet HTML 3Page - Analog Devices AD9835 Datasheet HTML 4Page - Analog Devices AD9835 Datasheet HTML 5Page - Analog Devices AD9835 Datasheet HTML 6Page - Analog Devices AD9835 Datasheet HTML 7Page - Analog Devices AD9835 Datasheet HTML 8Page - Analog Devices AD9835 Datasheet HTML 9Page - Analog Devices AD9835 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD9835
–6–
REV. 0
Table V. Commands
C3
C2
C1
C0
Command
0
0
0
0
Write 16 Phase bits (Present 8 Bits + 8 Bits
in Defer Register) to Selected PHASE
REG.
0
0
0
1
Write 8 Phase bits to Defer Register.
0
0
1
0
Write 16 Frequency bits (Present 8 Bits
+ 8 Bits in Defer Register) to Selected
FREQ REG.
0
0
1
1
Write 8 Frequency bits to Defer Register.
0
1
0
0
Bits D9 (PSEL0) and D10 (PSEL1) are
used to Select the PHASE REG when
SELSRC = 1. When SELSRC = 0, the
PHASE REG is selected using the pins
PSEL0 and PSEL1 Respectively.
0
1
0
1
Bit D11 is used to select the FREQ REG
when SELSRC = 1. When SELSRC = 0,
the FREQ REG is selected using the pin
FSELECT.
0
1
1
0
This command is used to control the
PSEL0, PSEL1 and FSELECT bits
using only one write. Bits D9 and D10
are used to select the PHASE REG and
Bit 11 is used to select the FREQ REG
when SELSRC = 1. When SELSRC = 0,
the PHASE REG is selected using the
pins PSEL0 and PSEL1 and the FREQ
REG is selected using the pin FSELECT.
0
1
1
1
Reserved. Configures the AD9835 for
Test Purposes.
Table VI. Controlling the AD9835
D15 D14 Command
1
0
Selects source of Control for the PHASE and
FREQ Registers and Enables Synchronization. Bit
D13 is the SYNC Bit. When this bit is High, read-
ing of the FSELECT, PSEL0 and PSEL1 bits/pins
and the loading of the Destination Register with
data is synchronized with the rising edge of MCLK.
The latency is increased by 2 MCLK cycles when
SYNC = 1. When SYNC = 0, the loading of the
data and the sampling of FSELECT/PSEL0/PSEL1
occurs asynchronously. Bit D12 is the Select
Source Bit (SELSRC). When this bit Equals 1, the
PHASE/FREQ REG is Selected using the bits
FSELECT, PSEL0 and PSEL1. When SELSRC =
0, the PHASE/FREQ REG is Selected using the
pins FSELECT, PSEL0 and PSEL1.
1
1
Sleep, Reset and Clear. D13 is the SLEEP bit. When
this bit equals 1, the AD9835 is powered down, inter-
nal clocks are disabled and the DAC's current sources
and REFOUT are turned off. When SLEEP = 0, the
AD9835 is powered up. When RESET (D12) = 1,
the phase accumulator is set to zero phase which
corresponds to an analog output of full scale. When
CLR (D11) = 1, SYNC and SELSRC are set to
zero. CLR automatically resets to zero.
Table I. Control Registers
Register
Size
Description
FREQ0 REG
32 Bits
Frequency Register 0. This de-
fines the output frequency, when
FSELECT = 0, as a fraction of the
MCLK frequency.
FREQ1 REG
32 Bits
Frequency Register 1. This de-
fines the output frequency, when
FSELECT = 1, as a fraction of the
MCLK frequency.
PHASE0 REG
12 Bits
Phase Offset Register 0. When
PSEL0 = PSEL1 = 0, the contents
of this register are added to the
output of the phase accumulator.
PHASE1 REG
12 Bits
Phase Offset Register 1. When
PSEL0 = 1 and PSEL1 = 0, the con-
tents of this register are added to the
output of the phase accumulator.
PHASE2 REG
12 Bits
Phase Offset Register 2. When
PSEL0 = 0 and PSEL1 = 1, the
contents of this register are added to
the output of the phase accumulator.
PHASE3 REG
12 Bits
Phase Offset Register 3. When
PSEL0 = PSEL1 = 1, the contents
of this register are added to the
output of the phase accumulator.
Table II. Addressing the Registers
A3
A2
A1
A0
Destination Register
0
0
0
0
FREG0 REG 8 L LSBs
0
0
0
1
FREG0 REG 8 H LSBs
0
0
1
0
FREG0 REG 8 L MSBs
0
0
1
1
FREG0 REG 8 H MSBs
0
1
0
0
FREG1 REG 8 L LSBs
0
1
0
1
FREG1 REG 8 H LSBs
0
1
1
0
FREG1 REG 8 L MSBs
0
1
1
1
FREG1 REG 8 H MSBs
1
0
0
0
PHASE0 REG 8 LSBs
1
0
0
1
PHASE0 REG 8 MSBs
1
0
1
0
PHASE1 REG 8 LSBs
1
0
1
1
PHASE1 REG 8 MSBs
1
1
0
0
PHASE2 REG 8 LSBs
1
1
0
1
PHASE2 REG 8 MSBs
1
1
1
0
PHASE3 REG 8 LSBs
1
1
1
1
PHASE3 REG 8 MSBs
Table III. 32-Bit Frequency Word
s
B
S
M
6
1s
B
S
L
6
1
s
B
S
M
H
8s
B
S
M
L
8s
B
S
L
H
8s
B
S
L
L
8
Table IV. 12-Bit Frequency Word
e
h
t
f
o
s
B
S
M
4
e
h
T
(
s
B
S
M
4
)
0
=
d
e
d
a
o
L
d
r
o
W
t
i
B
-
8
s
B
S
L
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com