Electronic Components Datasheet Search
  English  ▼

X  

AD9835 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9835
Description  50 MHz CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9835 Datasheet HTML 5Page - Analog Devices AD9835 Datasheet HTML 6Page - Analog Devices AD9835 Datasheet HTML 7Page - Analog Devices AD9835 Datasheet HTML 8Page - Analog Devices AD9835 Datasheet HTML 9Page - Analog Devices AD9835 Datasheet HTML 10Page - Analog Devices AD9835 Datasheet HTML 11Page - Analog Devices AD9835 Datasheet HTML 12Page - Analog Devices AD9835 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD9835
–9–
REV. 0
RBW 1kHz
VBW 3kHz
ST 50 SEC
0Hz
START
25MHz
STOP
Figure 15. fMCLK = 50 MHz, fOUT = 9.1 MHz. Frequency
Word = 2E978D50
RBW 1kHz
VBW 3kHz
ST 50 SEC
0Hz
START
25MHz
STOP
Figure 16. fMCLK = 50 MHz, fOUT = 11.1 MHz. Frequency
Word = 38D4FDF4
RBW 1kHz
VBW 3kHz
ST 50 SEC
0Hz
START
25MHz
STOP
Figure 17. fMCLK = 50 MHz, fOUT = 13.1 MHz. Frequency
Word = 43126E98
RBW 1kHz
VBW 3kHz
ST 50 SEC
0Hz
START
25MHz
STOP
Figure 18. fMCLK = 50 MHz, fOUT = 16.5 MHz. Frequency
Word = 547AE148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com