Electronic Components Datasheet Search
  English  ▼

X  

AD9835 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9835
Description  50 MHz CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9835 Datasheet HTML 8Page - Analog Devices AD9835 Datasheet HTML 9Page - Analog Devices AD9835 Datasheet HTML 10Page - Analog Devices AD9835 Datasheet HTML 11Page - Analog Devices AD9835 Datasheet HTML 12Page - Analog Devices AD9835 Datasheet HTML 13Page - Analog Devices AD9835 Datasheet HTML 14Page - Analog Devices AD9835 Datasheet HTML 15Page - Analog Devices AD9835 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD9835
–14–
REV. 0
falling clock edges occurring in the transmit cycle. Data is
transmitted MSB first. In order to load data into the AD9835,
PC7 is held low after the first eight bits are transferred and a
second serial write operation is performed to the AD9835. Only
after the second eight bits have been transferred should FSYNC
be taken high again.
68HC11/68L11
AD9835
PC7
MOSI
SCK
SDATA
SCLK
FSYNC
ADDITIONAL PINS OMITTED FOR CLARITY
Figure 25. 68HC11/68L11-to-AD9835 Interface
AD9835-to-80C51/80L51 Interface
Figure 26 shows the serial interface between the AD9835 and
the 80C51/80L51 microcontroller. The microcontroller is oper-
ated in Mode 0 so that TXD of the 80C51/80L51 drives SCLK
of the AD9835 while RXD drives the serial data line SDATA.
The FSYNC signal is again derived from a bit programmable
pin on the port (P3.3 being used in the diagram). When data is
to be transmitted to the AD9835, P3.3 is taken low. The
80C51/80L51 transmits data in 8-bit bytes thus, only eight
falling SCLK edges occur in each cycle. To load the remaining
eight bits to the AD9835, P3.3 is held low after the first eight
bits have been transmitted and a second write operation is initi-
ated to transmit the second byte of data. P3.3 is taken high
following the completion of the second write operation. SCLK
should idle high between the two write operations. The 80C51/
80L51 outputs the serial data in a format which has the LSB
first. The AD9835 accepts the MSB first (the 4 MSBs being the
control information, the next 4 bits being the address while the
8 LSBs contain the data when writing to a destination register).
Therefore, the transmit routine of the 80C51/80L51 must take
this into account and rearrange the bits so that the MSB is out-
put first.
80C51/80L51
AD9835
P3.3
RXD
TXD
SDATA
SCLK
FSYNC
ADDITIONAL PINS OMITTED FOR CLARITY
Figure 26. 80C51/80L51 to AD9835 Interface
AD9835-to-DSP56002 Interface
Figure 27 shows the interface between the AD9835 and the
DSP56002. The DSP56002 is configured for normal mode
asynchronous operation with a Gated internal clock (SYN = 0,
GCK = 1, SCKD = 1). The frame sync pin is generated inter-
nally (SC2 = 1), the transfers are 16 bits wide (WL1 = 1, WL0
= 0) and the frame sync signal will frame the 16 bits (FSL = 0).
The frame sync signal is available on pin SC2 but, it needs to be
inverted before being applied to the AD9835. The interface to
the DSP56000/DSP56001 is similar to that of the DSP56002.
DSP56002
AD9835
SC2
STD
SCK
SDATA
SCLK
FSYNC
ADDITIONAL PINS OMITTED FOR CLARITY
Figure 27. AD9835-to-DSP56002 Interface
AD9835 Evaluation Board
The AD9835 Evaluation Board allows designers to evaluate the
high performance AD9835 DDS Modulator with a minimum of
effort.
To prove that this device will meet the user’s waveform synthe-
sis requirements, the user only requires a 5 V power supply, an
IBM-compatible PC and a spectrum analyzer along with the
evaluation board. The evaluation setup is shown below.
The DDS Evaluation kit includes a populated, tested AD9835
printed circuit board along with the software that controls the
AD9835 in a Windows
® environment.
AD9835.EXE
IBM-COMPATIBLE PC
PARALLEL PORT
CENTRONICS
PRINTER CABLE
AD9835 EVALUATION
BOARD
Figure 28. AD9835 Evaluation Board Setup
Using the AD9835 Evaluation Board
The AD9835 Evaluation kit is a test system designed to simplify
the evaluation of the AD9835. Provisions to control the AD9835
from the printer port of an IBM-compatible PC are included
along with the necessary software. An application note is also
available with the evaluation board which gives information on
operating the evaluation board.
Prototyping Area
An area is available on the evaluation board where the user can
add additional circuits to the evaluation test set. Users may
want to build custom analog filters for the output or add buffers
and operational amplifiers to be used in the final application.
XO vs. External Clock
The AD9835 can operate with master clocks up to 50 MHz. A
50 MHz oscillator is included on the evaluation board. How-
ever, this oscillator can be removed and an external CMOS
clock connected to the part, if required.
Power Supply
Power to the AD9835 Evaluation Board must be provided ex-
ternally through the pin connections. The power leads should be
twisted to reduce ground loops.
Windows is a registered trademark of Microsoft Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com