Electronic Components Datasheet Search
  English  ▼

X  

AD9835 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9835
Description  50 MHz CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9835 Datasheet HTML 3Page - Analog Devices AD9835 Datasheet HTML 4Page - Analog Devices AD9835 Datasheet HTML 5Page - Analog Devices AD9835 Datasheet HTML 6Page - Analog Devices AD9835 Datasheet HTML 7Page - Analog Devices AD9835 Datasheet HTML 8Page - Analog Devices AD9835 Datasheet HTML 9Page - Analog Devices AD9835 Datasheet HTML 10Page - Analog Devices AD9835 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD9835
–7–
REV. 0
Table VII. Writing to the AD9835 Data Registers
5
1
D4
1
D3
1
D2
1
D1
1
D0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D
3
C2
C1
C0
C3
A2
A1
A0
AB
S
MB
S
L
Table VIII. Setting SYNC and SELSRC
5
1
D4
1
D3
1
D2
1
D1
1
D0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D
10
C
N
Y
SC
R
S
L
E
S
XXXXXXXXXXXX
Table IX. Power-Down, Resetting and Clearing the AD9835
5
1
D4
1
D3
1
D2
1
D1
1
D0
1
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D
11
P
E
E
L
ST
E
S
E
RR
L
C
XXXXXXXXXXX
Typical Performance Characteristics
OUTPUT FREQUENCY – MHz
0
–12
016
2
46
8
10
12
14
–2
–4
–6
–8
–10
CL = 82pF
CL = 100pF
CL = 150pF
AVDD = DVDD = +5V
Figure 5. Signal Attenuation vs. Output Frequency for
Various Capacitive Load (RL = 300 Ω)
MCLK FREQUENCY – MHz
30
25
20
15
10
0
10
50
20
30
40
5
TA = +25 C
AVDD = DVDD = +5V
Figure 6. Typical Current Consumption vs. MCLK Frequency
MCLK FREQUENCY – MHz
–64
–66
–68
–70
–72
–76
–74
10
50
20
30
40
fOUT/fMCLK = 1/3
AVDD = DVDD = +5V
Figure 7. Narrow Band SFDR vs. MCLK Frequency
MCLK FREQUENCY – MHz
0
–10
–20
–30
–40
–60
–50
10
50
20
30
40
fOUT/fMCLK = 1/3
AVDD = DVDD = +5V
Figure 8. Wide Band SFDR vs. MCLK Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com