Electronic Components Datasheet Search
  English  ▼

X  

AD9835 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9835
Description  50 MHz CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9835 Datasheet HTML 8Page - Analog Devices AD9835 Datasheet HTML 9Page - Analog Devices AD9835 Datasheet HTML 10Page - Analog Devices AD9835 Datasheet HTML 11Page - Analog Devices AD9835 Datasheet HTML 12Page - Analog Devices AD9835 Datasheet HTML 13Page - Analog Devices AD9835 Datasheet HTML 14Page - Analog Devices AD9835 Datasheet HTML 15Page - Analog Devices AD9835 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD9835
–12–
REV. 0
DATA WRITE**
FREG<0> = fOUT0/fMCLK*232
FREG<1> = fOUT1/fMCLK*232
PHASEREG <3:0> = DELTA PHASE<0, 1, 2, 3>
SELECT DATA SOURCES***
SET FSELECT
SET PSEL0, PSEL1
INITIALIZATION*
WAIT 6 MCLK CYCLES (8 MCLK CYCLES IF SYNC = 1)
DAC OUTPUT
VOUT = VREFIN*6.25*ROUT/RSET*(1 + COS(2 (FREG*fMCLK*t/232 + PHASEREG/212)))
NO
CHANGE fOUT?
YES
NO
YES
CHANGE FREG?
NO
YES
CHANGE FSELECT
CHANGE PHASEREG?
NO
YES
CHANGE PSEL0, PSEL1
CHANGE PHASE?
Figure 20. Flowchart for AD9835 Initialization and Operation
INITIALIZATION*
CONTROL REGISTER WRITE
SET SLEEP
RESET = 1
CLR = 1
SET SYNC AND/OR SELSRC TO 1
YES
NO
CONTROL REGISTER WRITE
SYNC = 1
AND/OR
SELSRC = 1
WRITE INITIAL DATA
FREG<0> = fOUT0/fMCLK*2
32
FREG<1> = fOUT1/fMCLK*2
32
PHASEREG<3:0> = DELTA PHASE<0, 1, 2, 3>
SET PINS OR FREQUENCY/PHASE REGISTER WRITE
SET FSELECT, PSEL0 AND PSEL1
CONTROL REGISTER WRITE
SLEEP = 0
RESET = 0
CLR = 0
Figure 21. Initialization
DATA WRITE**
DEFERRED TRANSFER WRITE
WRITE 8 BITS TO DEFER REGISTER
DIRECT TRANSFER WRITE
WRITE PRESENT 8 BITS AND 8 BITS IN
DEFER REGISTER TO DATA REGISTER
WRITE ANOTHER WORD TO THIS
REGISTER?
WRITE A WORD TO ANOTHER REGISTER
CHANGE 8 BITS ONLY
YES
CHANGE 16 BITS
NO
YES
NO
Figure 22. Data Writes
SELECT DATA SOURCES***
FSELECT/PSEL PINS BEING USED?
YES
SELSRC = 0
SET PINS
SET FSELECT
SET PSEL0
SET PSEL1
FREQUENCY/PHASE REGISTER WRITE
SET FSELECT
SET PSEL0
SET PSEL1
SELSRC = 1
NO
Figure 23. Selecting Data Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com