Electronic Components Datasheet Search
  English  ▼

X  

AD9835 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9835
Description  50 MHz CMOS Complete DDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835 Datasheet(HTML) 2 Page - Analog Devices

  AD9835 Datasheet HTML 1Page - Analog Devices AD9835 Datasheet HTML 2Page - Analog Devices AD9835 Datasheet HTML 3Page - Analog Devices AD9835 Datasheet HTML 4Page - Analog Devices AD9835 Datasheet HTML 5Page - Analog Devices AD9835 Datasheet HTML 6Page - Analog Devices AD9835 Datasheet HTML 7Page - Analog Devices AD9835 Datasheet HTML 8Page - Analog Devices AD9835 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. 0
AD9835–SPECIFICATIONS1
(VDD = +5 V
5%; AGND = DGND = 0 V; TA = TMIN to TMAX; REFIN = REFOUT;
RSET = 3.9 k ; RLOAD = 300
for IOUT, unless otherwise noted)
Parameter
AD9835B
Units
Test Conditions/Comments
SIGNAL DAC SPECIFICATIONS
Resolution
10
Bits
Update Rate (fMAX)
50
MSPS nom
IOUT Full Scale
4
mA nom
4.75
mA max
Output Compliance
1.35
V max
DC Accuracy
Integral Nonlinearity
±1
LSB typ
Differential Nonlinearity
±0.5
LSB typ
DDS SPECIFICATIONS2
Dynamic Specifications
Signal-to-Noise Ratio
50
dB min
fMCLK = 50 MHz, fOUT = 1 MHz
Total Harmonic Distortion
–52
dBc max
fMCLK = 50 MHz, fOUT = 1 MHz
Spurious Free Dynamic Range (SFDR)3
fMCLK = 6.25 MHz, fOUT = 2.11 MHz
Narrow Band (
±50 kHz)
–72
dBc min
Wide Band (
±2 MHz)
–50
dBc min
Clock Feedthrough
–60
dBc typ
Wake-Up Time
1
ms typ
Power-Down Option
Yes
VOLTAGE REFERENCE
Internal Reference @ +25
°C
1.21
V typ
TMIN to TMAX
1.21
± 7%
V min/max
REFIN Input Impedance
10
M
Ω typ
Reference TC
100
ppm/
°C typ
REFOUT Output Impedance
300
Ω typ
LOGIC INPUTS
VINH, Input High Voltage
DVDD – 0.9
V min
VINL, Input Low Voltage
0.9
V max
IINH, Input Current
10
µA max
CIN, Input Capacitance
10
pF max
POWER SUPPLIES
fMCLK = 50 MHz
AVDD
4.75/5.25
V min/V max
DVDD
4.75/5.25
V min/V max
IAA
5mA max
IDD
2.5 + 0.33/MHz
mA typ
IAA + IDD
4
40
mA max
Low Power Sleep Mode
0.35
mA max
NOTES
1Operating temperature range is as follows: B Version: –40
°C to +85°C.
2100% production tested.
3f
MCLK = 6.25 MHz, Frequency Word = 5671C71C HEX, f OUT = 2.11 MHz.
4Measured with the digital inputs static and equal to 0 V or DVDD. The AD9835 is tested with a capacitive load of 50 pF. The part can be operated with higher
capacitive loads, but the magnitude of the analog output will be attenuated. See Figure 5.
Specifications subject to change without notice.
IOUT
COMP
REFIN
FS
ADJUST
REFOUT
12
AD9835
ON-BOARD
REFERENCE
10-BIT
DAC
COS
ROM
FULL-SCALE
CONTROL
300
50pF
RSET
3.9k
10nF
10nF
AVDD
Figure 1. Test Circuit with Which Specifications Are Tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com