Electronic Components Datasheet Search
  English  ▼

X  

AD9870 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9870
Description  IF Digitizing Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9870 Datasheet(HTML) 5 Page - Analog Devices

  AD9870 Datasheet HTML 1Page - Analog Devices AD9870 Datasheet HTML 2Page - Analog Devices AD9870 Datasheet HTML 3Page - Analog Devices AD9870 Datasheet HTML 4Page - Analog Devices AD9870 Datasheet HTML 5Page - Analog Devices AD9870 Datasheet HTML 6Page - Analog Devices AD9870 Datasheet HTML 7Page - Analog Devices AD9870 Datasheet HTML 8Page - Analog Devices AD9870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
AD9870
–5–
SERIAL PERIPHERAL INTERFACE (SPI)
The Serial Peripheral Interface (SPI) is a bidirectional serial port. It is used to load configuration information into the registers listed
below as well as to read back their contents. Table I provides a list of the registers that may be programmed through the SPI port.
Addresses and default values are given in hexadecimal form.
Table I. SPI Address Map
Address Bit
(Hex)
Breakdown
Width
Default Value
Name
Description
POWER CONTROL REGISTERS
0x00
(7:0)
8
0xFF
STBY
Standby Control Bits (REF, LO, CKO, CK, GC, LNAMX, VGA, ADC).
0x01
(7:6)
2
0
LNAB
LNA Bias Current (0 = 0.5 mA, 1 = 1 mA, 2 = 2 mA, 3 = 3 mA).
(5:4)
2
0
MIXB
Mixer Bias Current (0 = 1 mA, 1 = 2 mA, 2 = 3 mA, 3 = 4 mA).
(3:2)
2
0
CKOB
CK Oscillator Bias (0 = 0.25 mA, 1 = 0.35 mA, 2 = 0.53 mA, 3 = 0.85 mA).
(1:0)
2
1
ADCB
ADC Amplifier Bias (0 = 2.4 mA, 1 = 3.2 mA, 2 = 4.0 mA, 3 = 4.8 mA).
0x02
(7:0)
8
0x00
TEST
Factory Test Mode.
AGC
0x03
(7)
1
0
ATTEN
Apply 16 dB attenuation in the front end.
(6:0)
7
0x3F
AGCG(14:8) AGC Gain Setting (7 MSBs of a 15-bit two’s-complement word).
0x04
(7:0)
8
0xFF
AGCG(7:0)
AGC Gain Setting (8 LSBs of a 15-bit two’s-complement word).
Default corresponds to maximum gain.
0x05
(7:4)
4
0
AGCA
AGC Attack Time Setting. Default yields 50 Hz raw loop bandwidth.
(3:0)
4
0
AGCD
AGC Decay Time Setting. Default is decay time = attack time.
0x06
(7:4)
4
0
AGCO
AGC Overload Update Setting. Default is slowest update.
(3:0)
4
0
AGCD
Fast AGC (Minimizes resistance seen between GCN and GCP).
(2:0)
3
0
AGCR
AGC Enable/Reference Level (disabled, 3 dB, 6 dB, 9 dB, 12 dB, 15 dB below clip).
DECIMATION FACTOR
0x07
(3:0)
4
4
M
Decimation Factor = 60
× (M + 1). Default is decimate-by-300.
LO SYNTHESIZER
0x08
(5:0)
6
0x00
LOR(13:8)
Reference Frequency Divisor (6 MSBs of a 14-Bit Word).
0x09
(7:0)
8
0x38
LOR(7:0)
Reference Frequency Divisor (8 LSBs of a 14-Bit Word).
Default (56) Yields 300 kHz from fREF = 16.8 MHz.
0x0A
(7:5)
3
0x5
LOA
“A” Counter (Prescaler Control Counter).
(4:0)
5
0x00
LOB(12:8)
“B” Counter MSBs (5 MSBs of a 13-Bit Word).
Default LOA and LOB Values Yield 300 kHz from 73.35 MHz–2.25 MHz.
0x0B
(7:0)
8
0x1D
LOB(7:0)
“B” Counter LSBs (8 LSBs of a 13-Bit Word).
0x0C
(6)
1
0
LOF
Enable Fast Acquire.
(5)
1
0
LOINV
Invert Charge Pump (0 = Pump_Up
⇒ IOUTL Sources Current).
(4:2)
3
0
LOI
Charge Pump Current in Normal Operation. IPUMP = (LOI + 1)
× 0.625 mA.
(1:0)
2
0
LOTM
Manual Control of LO Charge Pump (3 = Off, 2 = Down, 1 = Up, 0 = Normal).
0x0D
(3:0)
4
0x0
LOFA(13:8)
LO Fast Acquire Time Unit (4 MSBs of a 14-Bit Word).
0x0E
(7:0)
8
0x04
LOFA(7:0)
LO Fast Acquire Time Unit (8 LSBs of a 14-Bit Word).
CLOCK SYNTHESIZER
0x10
(5:0)
6
00
CKR(13:8)
Reference Frequency Divisor (6 MSBs of a 14-Bit Word).
0x11
(7:0)
8
0x38
CKR(7:0)
Reference Frequency Divisor (8 LSBs of a 14-Bit Word).
Default Yields 300 kHz from fREF =16.8 MHz.
Min = 3, Max = 16383.
0x12
(4:0)
5
0x00
CKN(12:8)
Synthesized Frequency Divisor (5 MSBs of a 13-Bit Word).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com