Electronic Components Datasheet Search
  English  ▼

X  

AD9870 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9870
Description  IF Digitizing Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9870 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9870 Datasheet HTML 7Page - Analog Devices AD9870 Datasheet HTML 8Page - Analog Devices AD9870 Datasheet HTML 9Page - Analog Devices AD9870 Datasheet HTML 10Page - Analog Devices AD9870 Datasheet HTML 11Page - Analog Devices AD9870 Datasheet HTML 12Page - Analog Devices AD9870 Datasheet HTML 13Page - Analog Devices AD9870 Datasheet HTML 14Page - Analog Devices AD9870 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD9870
–11–
The recommended setting for LOFA is LOR/16. Choosing a
larger value for LOFA will increase T. Thus, for a given phase
difference between the LO input and the fREF input, the instan-
taneous charge pump current will be less than that available for
a LOFA value of LOR/16. Similarly, a smaller value for LOFA
will decrease T, making more current available for the same
phase difference. In other words, a smaller value of LOFA will
enable the synthesizer to settle faster in response to a frequency
hop than will a large LOFA value. Care must be taken to choose
a value of LOFA which is large enough (values greater than four
recommended) to prevent the loop from oscillating back and
forth in response to a frequency hop.
Table V. SPI Registers Associated with LO Synthesizer
A
ddress
Bit
(Hex)
Breakdown
Width
Default Value
Name
0x00
(7:0)
8
0xFF
STBY
0x08
(5:0)
6
0x00
LOR(13:8)
0x09
(7:0)
8
0x38
LOR(7:0)
0x0A
(7:5)
3
0x5
LOA
(4:0)
5
0x00
LOB(12:8
0x0B
(7:0)
8
0x1D
LOB(7:0)
0x0C
(6)
1
0
LOF
(5)
1
0
LOINV
(4:2)
3
0
LOI
(1:0)
2
0
LOTM
0x0D
(3:0)
4
0x0
LOFA(13:8)
0x0E
(7:0)
8
0x04
LOFA(7:0)
CLOCK SYNTHESIZER
The clock synthesizer is a fully programmable integer-N PLL
capable of 2.2 kHz resolution at clock input frequencies up to
18 MHz and reference frequencies up to 25 MHz. It is similar
to the LO synthesizer described previously in Figure 4 with the
following exceptions:
• It does not include an 8/9 prescaler nor an A Counter.
• It includes a negative-resistance core which when used in
conjunction with an external varactor serves as the VCO.
The 14-bit reference counter and 13-bit N-divider counter can
be programmed via the following registers: CKR and CKN. The
charge pump current is programmable via the CKI register
from 0.625 mA to 5.0 mA using the following equation:
IPUMP = (CKI + 1)
× 0.625 mA.
The fast acquire subcircuit of the charge pump is controlled by
the CKFA register in the same manner as the LO synthesizer is
controlled by the LOFA register. An on-chip lock detect func-
tion (enabled by the CKF bit) automatically increases the output
current for faster settling during channel changes. The synthe-
sizer may also be disabled using the CKOB standby bit located
in the STBY register.
2
CLK OSC. BIAS
IBIAS = 0.25, 0.35,
0.53, OR 0.85 mA
VDDC=3.0 V
IOUTC
LOSC
0.1 F
RBIAS
COSC
LOOP
FILTER
CVAR
RD
AD9870
CLKN
CLKP
VCM = VDDC – RBIAS
IBIAS > 1.6V
f
OSC > (2
LOSC (CVARACTOR//COSC))–1/2
Figure 6. External Loop Filter, Varactor and L-C Tank Are
Required to Realize a Complete Clock Synthesizer
The AD9870 clock synthesizer circuitry includes a negative-
resistance core so that only an external L-C tank circuit with a
varactor is needed to realize a voltage controlled oscillator (VCO).
Figure 6 shows the external components required to complete
the clock synthesizer along with the equivalent input of the CLK
input. The resonant frequency of the VCO is approximately deter-
mined by LOSC and the series equivalent capacitance of COSC and
CVAR. As a result, LOSC, COSC, and CVAR should be selected to
provide sufficient tuning range to ensure proper locking of the
clock synthesizer The bias, IBIAS, of the negative-resistance core
has four programmable settings. Lower equivalent Q of the L-C
tank circuit may require a higher bias setting of the negative-
resistance core to ensure proper oscillation. RBIAS should be
selected such that the common-mode voltage at CLKP and
CLKN is approximately 1.6 V. The synthesizer may be disabled
via the CK standby bit to allow the user to employ an external
synthesizer and/or VCO in place of those resident on the IC.
Table VI. SPI Registers Associated with CLK Synthesizer
A
ddress
Bit
(Hex)
Breakdown
Width
Default Value
Name
0x00
(7:0)
8
0xFF
STBY
0x01
(3:2)
2
0
CKOB
0x10
(5:0)
6
00
CKR(13:8)
0x11
(7:0)
8
0x38
CKR(7:0)
0x12
(4:0)
5
0x00
CKN(12:8)
0x13
(7:0)
8
0x3C
CKN(7:0)
0x14
(6)
1
0
CKF
(5)
1
0
CKINV
(4:2)
3
0
CKI
(1:0)
1
0
CKTM
0x15
(3:0)
4
0x0
CKFA(13:8)
0x16
(7:0)
8
0x04
CKFA(7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com