Electronic Components Datasheet Search
  English  ▼

X  

AD9870 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9870
Description  IF Digitizing Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9870 Datasheet(HTML) 1 Page - Analog Devices

  AD9870 Datasheet HTML 1Page - Analog Devices AD9870 Datasheet HTML 2Page - Analog Devices AD9870 Datasheet HTML 3Page - Analog Devices AD9870 Datasheet HTML 4Page - Analog Devices AD9870 Datasheet HTML 5Page - Analog Devices AD9870 Datasheet HTML 6Page - Analog Devices AD9870 Datasheet HTML 7Page - Analog Devices AD9870 Datasheet HTML 8Page - Analog Devices AD9870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9870
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
IF Digitizing Subsystem
FUNCTIONAL BLOCK DIAGRAM
IFIN
FREF
AD9870
LNA
–16dB
LO
SYNTH
LO VCO AND
LOOP FILTER
CLK VCO AND
LOOP FILTER
SAMP CLOCK
SYNTHESIZER
DECIMATION
FILTER
CONTROL LOGIC
fCLK = 18MHz
-
ADC
DAC AGC
SPI
VOLTAGE
REFERENCE
FORMATTING/SSI
DOUTA
DOUTB
FS
CLKOUT
VGA/
AAF
FEATURES
10 MHz–300 MHz Input Frequency
Baseband (I/Q) Digital Output
10 kHz–150 kHz Output Signal Bandwidth
12 dB SSB NF
> –1 dBm IIP3 (High IIP3 Mode)
25 dB Continuous AGC Range + 16 dB Gain Step
Support for LO and Sampling Clock Synthesis
Programmable Decimation Rate, Output Format, AAF
Cutoff, AGC and Synthesizer Settings
360
Input Impedance
2.7 V–3.6 V Supply Voltage
Low Current: 42 mA Typ (High IIP3 Mode),
30 mA Typ (Low IIP3, Fixed Gain Mode)
48-Lead LQFP Package (1.4 mm Thick)
APPLICATIONS
Portable and Mobile Radio Products
Digital UHF/VHF FDMA Products
TETRA
PRODUCT DESCRIPTION
The AD9870 is a general-purpose IF subsystem that digitizes a
low-level 10 MHz–300 MHz IF input with a bandwidth of up to
150 kHz. The signal chain of the AD9870 consists of a low-noise
amplifier, a mixer, a variable gain amplifier with integral antialias
filter, a bandpass sigma-delta analog-to-digital converter, and a
decimation filter with programmable decimation factor. An auto-
matic gain control (AGC) circuit provides the AD9870 with
25 dB of continuous gain adjustment. The high dynamic range
of the bandpass sigma-delta converter allows the AD9870 to
cope with blocking signals that are as much as 70 dB stronger
than the desired signal. Auxiliary blocks include clock and LO
synthesizers as well as a serial peripheral interface (SPI) port.
The SPI port programs numerous parameters of the AD9870,
including the synthesizer divide ratios, the AGC attack and decay
times, the AGC target signal level, the decimation factor, the
output data format, the 16 dB attenuator, and the bias currents of
several blocks. Reducing bias currents allows the user to reduce
power consumption at the expense of reduced performance.


Similar Part No. - AD9870

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9870 AD-AD9870_15 Datasheet
226Kb / 20P
IF Digitizing Subsystem
REV. 0
More results

Similar Description - AD9870

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9864 AD-AD9864 Datasheet
1Mb / 44P
IF Digitizing Subsystem
AD9874 AD-AD9874 Datasheet
744Kb / 40P
IF Digitizing Subsystem
REV.0
AD9874ABSTZ AD-AD9874ABSTZ Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9864 AD-AD9864_15 Datasheet
944Kb / 44P
IF Digitizing Subsystem
REV. 0
AD9870 AD-AD9870_15 Datasheet
226Kb / 20P
IF Digitizing Subsystem
REV. 0
AD9874 AD-AD9874_15 Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD9864 AD-AD9864_17 Datasheet
1Mb / 48P
IF Digitizing Subsystem
23-Feb-2017
AD9874 AD-AD9874_17 Datasheet
710Kb / 41P
IF Digitizing Subsystem
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com