Electronic Components Datasheet Search
  English  ▼

X  

AD9870 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9870
Description  IF Digitizing Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9870 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9870 Datasheet HTML 2Page - Analog Devices AD9870 Datasheet HTML 3Page - Analog Devices AD9870 Datasheet HTML 4Page - Analog Devices AD9870 Datasheet HTML 5Page - Analog Devices AD9870 Datasheet HTML 6Page - Analog Devices AD9870 Datasheet HTML 7Page - Analog Devices AD9870 Datasheet HTML 8Page - Analog Devices AD9870 Datasheet HTML 9Page - Analog Devices AD9870 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
AD9870
–6–
Address Bit
(Hex)
Breakdown
Width
Default Value
Name
Description
CLOCK SYNTHESIZER (Continued)
0x13
(7:0)
8
0x3C
CKN(7:0)
Synthesized Frequency Divisor (8 LSBs of a 13-Bit Word).
Default Yields 300 kHz from fCLK = 18 MHz.
Min = 3, Max = 8191.
0x14
(6)
1
0
CKF
Enable Fast Acquire.
(5)
1
0
CKINV
Invert Charge Pump (0 = Pump_Up
⇒ IOUTC Sources Current).
(4:2)
3
0
CKI
Charge Pump Current in Normal Operation. IPUMP = (CKI + 1)
× 0.625 mA.
(1:0)
2
0
CKTM
Manual Control of CLK Charge Pump (0 = Off, 1 = Down, 2 = Up, 3 = Normal).
0x15
(3:0)
4
0x0
CKFA(13:8)
CK Fast Acquire Time Unit (4 MSBs of a 14-Bit Word).
0x16
(7:0)
8
0x04
CKFA(7:0)
CK Fast Acquire Time Unit (8 LSBs of a 14-Bit Word).
SSI CONTROL
0x18
(7:0)
8
0x12
SSICRA
SSI Control Register A. See Table III.
(Default is FS and CLKOUT Three-Stated.)
0x19
(1:0)
2
0x0
SSICRB
SSI Control Register B. See Table III.
0x1A
(3:0)
4
1
SSIORD
Output Rate Divisor. fCLKOUT = fCLK/SSIORD.
AAF CAPACITOR SETTING/CALIBRATION
0x1C
(7:0)
8
0x00
AAR
Antialias Response Selector. 0x60 Is Recommended.
0x1D
5
1
0
ERRN
Error Flag.
(4:0)
5
0x0
CAPN
AAF N-Well Capacitor Setting.
0x1E
5
1
0
ERRP
Error Flag.
(4:0)
15
0x0
CAPP
AAF Poly-Poly Capacitor Setting.
TEST REGISTERS AND SPI PORT READ ENABLE
0x38
(7:0)
8
0x00
TEST
Factory Test Mode.
0x39
0
1
0
TEST
Factory Test Mode.
0x3A
(7:4, 2:0)
7
0x0
TEST
Factory Test Mode.
(3)
1
0
SPIREN
Enable Read from SPI Port.
0x3B–
(7:0)
1
0x00
TEST
Factory Test Mode.
0x3F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com