Electronic Components Datasheet Search
  English  ▼

X  

AD9870 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9870
Description  IF Digitizing Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9870 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9870 Datasheet HTML 5Page - Analog Devices AD9870 Datasheet HTML 6Page - Analog Devices AD9870 Datasheet HTML 7Page - Analog Devices AD9870 Datasheet HTML 8Page - Analog Devices AD9870 Datasheet HTML 9Page - Analog Devices AD9870 Datasheet HTML 10Page - Analog Devices AD9870 Datasheet HTML 11Page - Analog Devices AD9870 Datasheet HTML 12Page - Analog Devices AD9870 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD9870
–9–
When the embedded frame sync bit (EFS) is set, FS is either
low or in a high Z state (as determined by the SFST bit), and
framing information is embedded in the data stream. In this
mode, each eight bits of data are surrounded by a start bit (low)
and a stop bit (high), and each frame ends with at least 10 high
bits. Other control bits can be used to invert the frame sync (SFSI),
to delay the frame sync pulse by one clock period (SLFS), to invert
the clock (SCKI), or to set the clock (SCKT) to a high Z state.
Note that if EFS is set, SLFS is a don’t care.
The AD9870 also provides the means for controlling the switch-
ing characteristics of the digital output signals. With a 25 pF
load, the rise and fall times of these signals are no more than
120 ns, 45 ns, 16 ns, or 10 ns if the DS (drive strength) setting
is 0, 1, 2, or 3, respectively.
Table III. SSI Control Registers
Name
Width
Description
SSICRA (ADDR = 0x18)
AAGC
1
Alternate AGC Data Bytes
EAGC
1
Embed AGC Data
EFS
1
Embed Frame Sync
SFST
1
Three-State Frame Sync
SFSI
1
Invert Frame Sync
SLFS
1
Late Frame Sync (1 = Late, 0 = Early)
SCKT
1
Three-State CLKOUT
SCKI
1
Invert CLKOUT
SSICRB (ADDR = 0x19)
DS
2
FS, CLKOUT, and DOUT Drive
Strength
POWER CONTROL
To allow power consumption to be minimized, the AD9870
possesses numerous SPI-programmable power-down and bias
control bits.
Each major block may be powered down through the appropri-
ate bit of the STBY register. This scheme provides the greatest
flexibility for configuring the IC to a specific application as well
as for tailoring the IC’s power-down and wake-up characteristics.
Table IV summarizes the function of each of the STBY bits.
Note, when all the blocks are in standby, the master reference
circuit is also put into standby and thus the current is reduced
by a further 0.4 mA.
The AD9870 also allows control over the bias current in several
key blocks. The effects on current consumption and system
performance are described in the section dealing with the
affected block.
Table IV. Standby Control Bits
Wake-
Current
Up
STBY
Reduction
Time
Bit
Effect
(mA)
1
(ms)
REF
Voltage Reference Off,
1.5
1.0
VREFP, VREFN in
(CREF =
High Z State.
4.7
µF)
LO
LO Synthesizer Off,
4.8
Note 2
IOUTL in High Z State.
CKO
Clock Oscillator Off.
0.25
Note 2
CK
Clock Synthesizer Off,
1.4
Note 2
IOUTC in High Z State.
Clock Buffer Off if
ADC Is Off.
GC
Gain Control DAC Off.
3
Depends
GCP, GCN in High Z State.
on CGC
LNAMX
LNA and Mixer Off.
10
I(VDDI) = 0, CXVM,
CXVL, CXIF in High Z.
VGA
VGA/AAF Off.
6
0.1
IF2P, IF2N in High Z State.
ADC
ADC Off; Clock Buffer
13.8
0.1
Off if CK Synth. Off;
VCM in High Z State;
Clock-to-Digital Filter
Suspended; Digital
Outputs Static.
NOTES
1When all blocks are in standby, the master reference circuit is also put into
standby and thus the current is reduced by a further 0.4 mA.
2Wake-up time is application-dependent.
LO SYNTHESIZER
The LO synthesizer shown in Figure 4 is a fully programmable
PLL capable of 6.25 kHz resolution at input frequencies up to
300 MHz and reference clocks of up to 25 MHz. It consists of a
low-noise digital Phase-Frequency Detector (PFD), a variable
output current charge pump (CP), a 14-bit reference divider,
programmable A and B counters and a dual-modulus 8/9 pres-
caler. The A (3-bit) and B (13-bit) counters, in conjunction
with the dual 8/9 modulus prescaler, implement an N divider
with N = 8
× B + A. In addition, the 14-bit reference counter
(R Counter) allows selectable input reference frequencies, fREF,
at the PFD input. A complete PLL (Phase-Locked Loop) can
be implemented if the synthesizer is used with an external loop
filter and VCO (Voltage Controlled Oscillator).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com