Electronic Components Datasheet Search
  English  ▼

X  

AD9870 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9870
Description  IF Digitizing Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9870 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9870 Datasheet HTML 6Page - Analog Devices AD9870 Datasheet HTML 7Page - Analog Devices AD9870 Datasheet HTML 8Page - Analog Devices AD9870 Datasheet HTML 9Page - Analog Devices AD9870 Datasheet HTML 10Page - Analog Devices AD9870 Datasheet HTML 11Page - Analog Devices AD9870 Datasheet HTML 12Page - Analog Devices AD9870 Datasheet HTML 13Page - Analog Devices AD9870 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
AD9870
–10–
The A, B, and R counters can be programmed via the following
registers: LOA, LOB, and LOR. The charge pump output current
is programmable via the LOI register from 0.625 mA to 5.0 mA
using the following equation: IPUMP = (LOI + 1)
× 0.625 mA.
An on-chip lock detect function (enabled by the LOF bit) auto-
matically increases the output current for faster settling during
channel changes. The synthesizer may also be disabled using the
LO standby bit located in the STBY register.
FAST
ACQUIRE
8/9
A, B
COUNTERS
LO
BUFFER
LOA, LOB
f
LO
FROM
VCO
REF
BUFFER
f
REF
LOR
R
F
REF
PHASE/
FREQUENCY
DETECTOR
TO EXTERNAL
LOOP
FILTER
f
LO
CHARGE
PUMP
Figure 4. LO Synthesizer
The LO (and CLK) Synthesizer works in the following manner.
The reference frequency, fREF, is buffered and divided by the
value held in the R counter. The internal FREF is then compared
to a divided version of the VCO frequency, fLO. The phase/
frequency detector provides UP and DOWN pulses whose width
vary depending upon the difference in phase and frequency of
its two input signals. The UP/DOWN pulses control the charge
pump, making current available to charge the external low-pass
loop filter when there is a discrepancy between the inputs of the
PFD. The output of the low-pass filter feeds an external VCO
whose output frequency, FLO, is driven such that its divided
down version, FLO, matches that of FREF thus closing the feed-
back loop.
The synthesized frequency is related to the reference frequency
and the LO register contents as follows:
fLO = (8
× LOB + LOA)/LOR × fREF
Note, the minimum allowable value in the LOB register is 3 and
its value must always be greater than that loaded into LOA. The
stability, phase noise, spur performance, and transient response
of the AD9870’s LO (and CLK) synthesizers are determined by
the external loop filter, the VCO, the N-divide factor, and the
reference frequency, fREF. An excellent reference book on PLL
synthesizers titled PLL Performance, Simulation and Design by Deen
Banerjee is available for free at www.national.com.
An example may help illustrate how the values of LOA, LOB,
and LOR can be selected. Consider an application employing a
13 MHz crystal oscillator (i.e., fREF = 13 MHz) with the re-
quirement that FREF = 100 kHz and fLO = 143 MHz (i.e.,
high-side injection with IF = 140.75 MHz and fSAMPLE = 18
MSPS). LOR is selected to be 130 such that fREF = 100 kHz.
The N-divider factor is 1430, which can be realized by select-
ing LOB = 178 and LOA = 6.
Figure 5 shows the equivalent input structures of the synthesiz-
ers’ LO and REF buffers (excluding the ESD structures). The
LO input is fed to the LO synthesizers buffer as well as the
AD9870’s mixer’s LO port. Both inputs are self-biasing and
thus tolerate ac-coupled inputs. The LO input can be driven
with a single-ended or differential signal. Single-ended dc-
coupled inputs should ensure sufficient signal swing above and
below the common-mode bias of the LO and REF buffers (i.e.,
1.38 V and VDDL /2).
fREF
84k
~VDDL/2
LO
BUFFER
500
500
TO MIXER
LO PORT
1.36V
BIAS
LOP
LON
NOTE:
ESD DIODE STRUCTURES OMITTED FOR CLARITY
fREF STBY SWITCHES SHOWN WITH LO SYNTHESIZER ON
Figure 5. Equivalent Input of LO and REF Buffers
Fast Acquire Mode
The fast acquire circuit attempts to boost the output current
when the phase difference between the divided-down LO (i.e., fLO)
and the divided-down reference frequency (i.e., fREF) exceeds
the threshold determined by the LOFA register. The LOFA
register specifies a divisor for the fREF signal, and it is the period
(T) of this divided-down clock that specifies the time interval
which controls the fast acquire algorithm.
Assume for the moment that the nominal charge pump current
is at its lowest setting (i.e., LOI = 0) and denote this minimum
current by I0. When the output pulse from the phase compara-
tor exceeds T, the output current for the next pulse is 2I0; when
the pulse is wider than 2T, the output current for the next pulse
is 3I0, and so forth, up to eight times the minimum output current.
If the nominal charge pump current is more than the minimum
value (i.e., LOI > 0), the preceding rule is only applied if it results
in an increase in the instantaneous charge pump current. If the
charge pump current is set to its lowest value (LOI = 0) and the
fast acquire circuit is enabled, the instantaneous charge pump
current will never fall below 2I0, even when the pulsewidth is
less than T. Thus the charge pump current when fast acquire is
enabled is given by
IPUMP-FA = IO
× (1 + max (1, LOI, Pulsewidth/T)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com