Electronic Components Datasheet Search
  English  ▼

X  

AD9870 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9870
Description  IF Digitizing Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9870 Datasheet(HTML) 4 Page - Analog Devices

  AD9870 Datasheet HTML 1Page - Analog Devices AD9870 Datasheet HTML 2Page - Analog Devices AD9870 Datasheet HTML 3Page - Analog Devices AD9870 Datasheet HTML 4Page - Analog Devices AD9870 Datasheet HTML 5Page - Analog Devices AD9870 Datasheet HTML 6Page - Analog Devices AD9870 Datasheet HTML 7Page - Analog Devices AD9870 Datasheet HTML 8Page - Analog Devices AD9870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD9870
–4–
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic Description
Pin
Mnemonic
Description
1
MXOP
Mixer Output, Positive
25
PE
Enable Input for SPI Port
2
MXON
Mixer Output, Negative
26
VDDD
Positive Power Supply for Internal Digital Functions
3
GNDF
Ground for VGA
27
VDDH
Positive Power Supply for Digital Interface
4
IF2N
Second IF Input (to VGA), Negative
28
CLKOUT
Clock Output for SSI Port
5
IF2P
Second IF Input (to VGA), Positive
29
DOUTA
Data Output for SSI Port
6
VDDF
Positive Power Supply for Antialias Filter/VGA
30
DOUTB
Data Output for SSI Port, Unused
7
GCP
Filter Capacitor for VGA Gain Control, Positive
31
FS
Frame Sync for SSI Port
8
GCN
Filter Capacitor for VGA Gain Control, Negative
32
GNDH
Ground for Digital Interface
9
VDDA
Positive Power Supply for ADC
33
SYNCB
Resets the SSI and Decimator Counters
10
GNDA
Ground for ADC
34
GNDS
Substrate Ground
11
VREFP
Voltage Reference, Positive
35
FREF
Reference Frequency Input for Both Synthesizers
12
VREFN
Voltage Reference, Negative
36
GNDL
Ground for LO Synthesizer
13
VCM
Common-Mode Voltage (Requires 20 k
Ω to GNDA) 37
GNDP
Ground for LO Synthesizer Charge Pump
14
VDDQ
Pos. Power Supply for Clock Synth. Charge Pump
38
IOUTL
LO Synthesizer Charge Pump Output Current
15
IOUTC
Clock Synthesizer Charge Pump Output Current
39
VDDP
Positive Power Supply for LO Synth. Charge Pump
16
GNDQ
Ground for Clock Synthesizer Charge Pump
40
VDDL
Positive Power Supply for LO Synthesizer
17
VDDC
Positive Power Supply for Clock Synthesizer
41
CXVM
External Capacitor for Mixer Bias
18
GNDC
Ground for Clock Synthesizer
42
LON
LO Input to Mixer and LO Synthesizer, Negative
19
CLKP
Sampling Clock Input/Clock VCO Tank, Positive
43
LOP
LO Input to Mixer and LO Synthesizer, Positive
20
CLKN
Sampling Clock Input/Clock VCO Tank, Negative
44
CXVL
External Capacitor for Preamp Power Supply
21
GNDS
Substrate Ground
45
GNDI
Ground for Mixer and Preamp
22
GNDD
Ground for Digital Functions
46
CXIF
External Capacitor for Preamp Bias
23
PC
Clock Input for SPI Port
47
IFIN
First IF Input (to Preamp)
24
PD
Data I/O for SPI Port
48
VDDI
Positive Power Supply for Mixer and Preamp
PIN CONFIGURATION
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
GNDL
FREF
GNDS
SYNCB
GNDH
FS
DOUTB
MXOP
MXON
GNDF
IF2N
IF2P
VDDF
GCP
GCN
VDDA
GNDA
VREFP
DOUTA
CLKOUT
VDDH
VDDD
AD9870
VREFN
PE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com