Electronic Components Datasheet Search
  English  ▼

X  

ADMC330 Datasheet(PDF) 19 Page - Analog Devices

Part # ADMC330
Description  Single Chip DSP Motor Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC330 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADMC330 Datasheet HTML 12Page - Analog Devices ADMC330 Datasheet HTML 13Page - Analog Devices ADMC330 Datasheet HTML 14Page - Analog Devices ADMC330 Datasheet HTML 15Page - Analog Devices ADMC330 Datasheet HTML 16Page - Analog Devices ADMC330 Datasheet HTML 17Page - Analog Devices ADMC330 Datasheet HTML 18Page - Analog Devices ADMC330 Datasheet HTML 19Page - Analog Devices ADMC330 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADMC330
–19–
REV. 0
TIMING PARAMETERS
SERIAL PORTS
Frequency
12.5 MHz
13.0 MHz
13.824 MHz*
Dependency
Parameter
Min Max
Min Max
Min
Max
Min
Max
Unit
Timing Requirement:
tSCK
SCLK Period
80
76.9
72.3
100
ns
tSCS
DR/TFS/RFS Setup before SCLK Low
8
8
8
15
ns
tSCH
DR/TFS/RFS Hold after SCLK Low
10
10
10
20
ns
tSCP
SCLKIN Width
30
28
28
40
ns
Switching Characteristic:
tCC
CLKOUT High to SCLKOUT
20
35
19.2 34.2
18.1
33.1
0.25 tCK 0.25 tCK + 20 ns
tSCDE
SCLK High to DT Enable
0
0
0
0
ns
tSCDV
SCLK High to DT Valid
20
20
20
30
ns
tRH
TFS/RFSOUT Hold after SCLK High
0
0
0
0
ns
tRD
TFS/RFSOUT Delay from SCLK High
20
20
20
30
ns
tSCDH DT Hold after SCLK High
0
0
0
0
ns
tTDE
TFS (Alt) to DT Enable
0
0
0
0
ns
tTDV
TFS (Alt) to DT Valid
18
18
18
25
ns
tSCDD SCLK High to DT Disable
25
25
25
40
ns
tRDV
RFS (Multichannel, Frame Delay Zero)
20
20
20
30
ns
to DT Valid
*Maximum serial port operating frequency is 13.824 MHz for all processor speed grades except the 12.5 MHz ADSP-2101 and 13.0 MHz ADSP-2111.
tCC
tCC
tSCH
tSCS
tRD
tRH
tSCP
tSCP
tSCK
tSCDV
tSCDE
tSCDH
tSCDD
tTDE
tTDV
tRDV
CLKOUT
SCLK
DR
RFSIN
TFSIN
RFSOUT
TFSOUT
DT
TFS
(ALTERNATE
FRAME MODE)
RFS
(MULTICHANNEL MODE,
FRAME DELAY 0 (MFD = 0))
Figure 14. Serial Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com