Electronic Components Datasheet Search
  English  ▼

X  

ADP3155 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3155
Description  5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3155 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3155 Datasheet HTML 3Page - Analog Devices ADP3155 Datasheet HTML 4Page - Analog Devices ADP3155 Datasheet HTML 5Page - Analog Devices ADP3155 Datasheet HTML 6Page - Analog Devices ADP3155 Datasheet HTML 7Page - Analog Devices ADP3155 Datasheet HTML 8Page - Analog Devices ADP3155 Datasheet HTML 9Page - Analog Devices ADP3155 Datasheet HTML 10Page - Analog Devices ADP3155 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
REV. A
ADP3155
–7–
Power Good
The ADP3155 has an internal monitor that senses the output
voltage and drives the PWRGD pin of the device. This pin is an
open drain output whose high level (when connected to a pull-
up resistor) indicates that the output voltage has been within a
±5% regulation band of the targeted value for more than 500 µs.
The PWRGD pin will go low if the output is outside the regula-
tion band for more than 500
µs.
Output Crowbar
An added feature of using an N-channel MOSFET as the syn-
chronous switch is the ability to crowbar the output with the
same MOSFET. If the output voltage is 15% greater than the
targeted value, the ADP3155 will turn on the lower MOSFET,
which will current-limit the source power supply or blow its
fuse, pull down the output voltage, and thus save the micropro-
cessor from destruction. The crowbar function releases at ap-
proximately 50% of the nominal output voltage. For example, if
the output is programmed to 2.0 V, but is pulled up to 2.3 V or
above, the crowbar will turn on the lower MOSFET. If in this
case the output is pulled down to less than 1.0 V, the crowbar
will release, allowing the output voltage to recover to 2.0 V if
the fault condition has been removed.
Shutdown
The ADP3155 has a shutdown (SD) pin that is pulled down by
an internal resistor. In this condition the device functions nor-
mally. This pin should be pulled high to disable the output drives.
APPLICATION INFORMATION
A number of power conversion requirements must be consid-
ered when designing an ACPI compliant system. In normal
operating mode, 12 V, 5 V and 3.3 V are available from the
main supply. These voltages need to be converted into the
appropriate supply voltages for the Northbridge core, the
Southbridge core and RAMBUS memory, as well as supplies for
GTL and I/O drivers, CMOS memory and clock and graphics
(AGP) circuits.
During the standby operating state, the 12 V, 5 V and 3.3 V
power supply outputs are disabled, and only a low power 5 V
rail (5VSB) is available. The circuits that must remain active in
standby must be able to run from 5VSB. To accomplish this,
power routing is required to allow switching between normal
and standby supplies. Lack of a 12 V rail in standby makes control
of linear outputs difficult, and with up to 8 A demand from the
1.5 V and 1.8 V rails, an all-linear solution is inefficient.
Figure 14 shows a typical ACPI-compliant Pentium III/chipset
power management system using the ADP3155 and ADP3156.
The ADP3155 provides VID switched output and two linear
regulators for standby operation. A charge-pump-doubled 5VSB is
ORed into the supply rail to supply the linear regulators during
standby operation. The VID output collapses when the main
5 V rail collapses, but the N-channel MOSFET linear regu-
lators can continue to supply current from the ~9 V supply.
The ADP3156 provides 1.8 V via its main switching regulator,
and allows efficient linear regulation of 1.5 V rail by using the
1.8 V output as its source.
Specifications for a Design Example
The design parameters for a typical 300 MHz Pentium II appli-
cation (Figure 2) are as follows:
Input Voltage: VIN = 5 V
Auxiliary Input: VCC = 12 V
Output Voltage: VO = 2.8 V
Maximum Output Current:
IOMAX = 14.2 A dc
Minimum Output Current:
IOMIN = 0.8 A dc
Static tolerance of the supply voltage for the processor core:
∆V
OST+ = 100 mV
∆V
OST– = –60 mV
5V_PM
POWER
MANAGEMENT
FUNCTIONS
VCC
12V
POWER MANAGEMENT
STATE COMMAND
5V_PM
ATX_POWER GOOD
PMSC
5V_PM
ATXPG
VCC
ADP3155
VID_4:0
LIN#2_
CTRLS
LIN#1_
CTRLS
MAIN_
CTRLS
SWITCHER
IN
CTRLS
OUT
LINEAR#1
IN
CTRLS
OUT
LINEAR#2
IN
CTRLS
OUT
5V
5V_PM
CPU
VCORE @ VID
3.3V_PM
FOR POWER
MANAGEMENT
2.5V_PM
FOR CMOS,
CLOCK, MEMORY
TRIPLE
OUTPUT
SUPPLY
VID
VCC
ADP3156
LIN_
CTRLS
MAIN_
CTRLS
12V
DUAL
OUTPUT
SUPPLY
IN
CTRLS
OUT
SWITCHER
5V
IN
CTRLS
OUT
LINEAR
3.3V_IN
1.5V_IN
VDDQ
POWER ROUTING
SELECT
3.3V
1.8V FOR
SB CORE,
MEM, ETC
1.5V VTT
FOR GTL
1.5V OR 3.3V
VDDQ FOR AGP
TYPEDET# FOR
AGP SELECT
ATX
(OR NLX)
POWER
SUPPLY
12V
5V
3.3V
5V_ALWAYS
ATX_PGOOD
ATX_SHUTDOWN
GND
12V
5V
3.3V
5V_PM
ATX_POWERGOOD
ATX_SHUTDOWN
Figure 14. ACPI-Compliant Pentium III System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com