Electronic Components Datasheet Search
  English  ▼

X  

ADP3155 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3155
Description  5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3155 Datasheet(HTML) 4 Page - Analog Devices

  ADP3155 Datasheet HTML 1Page - Analog Devices ADP3155 Datasheet HTML 2Page - Analog Devices ADP3155 Datasheet HTML 3Page - Analog Devices ADP3155 Datasheet HTML 4Page - Analog Devices ADP3155 Datasheet HTML 5Page - Analog Devices ADP3155 Datasheet HTML 6Page - Analog Devices ADP3155 Datasheet HTML 7Page - Analog Devices ADP3155 Datasheet HTML 8Page - Analog Devices ADP3155 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
REV. A
ADP3155
–4–
P
SYSTEM
R1
150k
R2
39k
CT
200pF
22 F
1 F
10BQ015
1 F
ESR = 25m
EACH
2200 F
3
L2
1 H
L1
1.7 H
RSENSE
5m
ESR = 25m
EACH
2200 F
6
VO
2V
0–19A
RTN
220
100k
VIN +5V
+5V RTN
+12V RTN
CCOMP
2nF
1000 F
IRF3103
1nF
R4
5k
RTN
220
VIN +12V
2k
470pF
R3
20k
VLDO1
+1.5V
4A
VIN +1.8V
Q4
IRLR3703
1000 F
R6
21.7k
R5
20k
1 F
VINLDO2
+3.3V
VLDO2
+2.5V
0–2A
RTN
Q1
IRL3803
Q2
IRL3803
2k
470pF
1 F
22
ADP3155
SENSE+
SENSE–
VLDO1
VID2
VID3
VID4
FB1
SD
AGND
VID1
CT
CMP
VLDO2
PGND
DRIVE1
DRIVE2
FB2
PWRGD
VCC
VID0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Figure 2. Typical VRM8.2/8.3/8.4 Compliant Core DC/DC Converter Circuit
gm
NONOVERLAP
DRIVE
IN
CROWBAR
15
16
SD
VCC DRIVE1 DRIVE2 PGND
VREF + 15%
5
AGND
PWRGD
SENSE+
DELAY
VREF + 5% VREF – 5%
SENSE–
2R
ADP3155
CMPI
DAC
CMP
1.20V
VID0
1
VID1
2
VID2
3
VID3
4
VID4
VREF
VT1
CMPT
VT2
CT
SENSE–
6
REFERENCE
R
9
10
S
R
Q
OFF-TIME
CONTROL
VIN
12
11
8
VLDO1
FB1
OFF
18
17
13 VLDO2
FB2
14
Figure 3. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com