Electronic Components Datasheet Search
  English  ▼

X  

ADP3155 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3155
Description  5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3155 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3155 Datasheet HTML 6Page - Analog Devices ADP3155 Datasheet HTML 7Page - Analog Devices ADP3155 Datasheet HTML 8Page - Analog Devices ADP3155 Datasheet HTML 9Page - Analog Devices ADP3155 Datasheet HTML 10Page - Analog Devices ADP3155 Datasheet HTML 11Page - Analog Devices ADP3155 Datasheet HTML 12Page - Analog Devices ADP3155 Datasheet HTML 13Page - Analog Devices ADP3155 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
REV. A
ADP3155
–11–
dc biasing, it is simplest to use two resistors to terminate the gm
amplifier output, with the lower resistor tied to ground and the
upper resistor to the 12 V supply of the IC. The values of these
resistors can be calculated using:
RR
V
V
UPPER
C
DIV
OS
=×
and:
RR
V
VV
LOWER
C
OS
DIV
OS
=×
–
where VDIV is the resistor divider supply voltage (e.g., the rec-
ommended 12 V), and VOS is the offset voltage required on the
amplifier to produce the desired offset at the output. VOS is
calculated using Equation 2, where VOUT(OS) is the offset from
the nominal VID-programmed value to the center of the speci-
fied regulation window for the output voltage. (Note this may be
either positive or negative.) For clarification, that offset is given
by:
VV
V
VID
OUT OS
HI
LO
()
()–
=+
1
2
where VHI and VLO are the respective upper and lower limits
allowed for regulation.
Finally, the compensating capacitance is determined from the
equality of the pole frequency of the error amplifier gain and the
zero frequency of the impedance of the output capacitor:
C
C
ESR
Rt
COMP
O
TOTAL
=
×
Trade-Offs Between DC Load Regulation and AC Load
Regulation
Casual observation of the circuit operation—e.g., with a voltmeter
—would make it appear that the dc load regulation appears
to be rather poor compared to a conventional regulator. This
would be especially noticeable under very light or very heavy
loads where the voltage is “positioned” near one of the extremes
of the regulation window rather than near the nominal center
value. It must be noted and understood that this low gain char-
acteristic (i.e., loose dc load regulation) is inherently required to
allow improved transient containment (i.e., to achieve tighter ac
load regulation). That is, the dc load regulation is intentionally
sacrificed (but kept within specification) in order to minimize
the number of capacitors required to contain the load transients
produced by the CPU.
Linear Regulators
The two ADP3155 linear regulators provide a low cost, conve-
nient and versatile solution for generating additional lower sup-
ply rails that can be programmed in the range 1.2 V–5 V. The
maximum output load current is determined by the size and
thermal impedance of the external N-channel power MOSFET
that is placed in series with the supply and controlled by the
ADP3155. The output voltage, VOLDO1, 2 in Figure 14, is sensed
at the FB pin of the ADP3155 and compared to an internal
1.2 V reference in a negative feedback loop which keeps the
output voltage in regulation. If the load is being reduced or
increased, the FET drive will also be reduced or increased by the
ADP3155 to provide a well regulated
±1% accurate output
voltage. The output voltage is programmed by adjusting the
value of the external resistor RPROG, shown in Figure 15.
Efficiency of the Linear Regulators
The efficiency and corresponding power dissipation of each of
the linear regulators are not determined by the ADP3155.
Rather, these are a function of input and output voltage and
load current. Efficiency is approximated by the formula:
η = 100% × (V
OUT
VIN)
The corresponding power dissipation in the MOSFET, together
with any resistance added in series from input to output is given
by:
PLDO = (VIN(LDO) – VOUT(LDO)) × IOUT(LDO)
Minimum power dissipation and maximum efficiency are ac-
complished by choosing the lowest available input voltage that
exceeds the desired output voltage. However, if the chosen
input source is itself generated by a linear regulator, its power
dissipation will be increased in proportion to the additional
current it must now provide. For most PC systems, the lowest
available input source for the linear regulators, which is not
itself generated by a linear regulator, is 3.3 V from the main
power supply.
Assuming that the 3.3 V supply is used to provide input power
for a 1.5 V linear regulator output, the efficiency will inherently
be 1.5 V
3.3 V, which is less than 50%. The total current
demand in all of the low voltage power rails (e.g., 1.5 V, 1.8 V
and 2.5 V) can produce unacceptable dissipation and junction
temperatures in the linear regulators. For such systems, Analog
Devices recommends the ADP3156—a switching regulator that
generates one of the lower voltage outputs (e.g., 1.8 V), which can
also be used as a power source to the lower voltage outputs
(e.g., 1.5 V). This results is a highly efficient and reliable power
conversion system that can readily handle the combined loading
specifications for the lower system voltages, with room to spare
for the higher current demands and lower voltages of next gen-
eration PC systems.
Features
• Tight DC Regulation Due to 1% Reference and High Gain
• Output Voltage Stays Within Specified Limits at Load
Current Step with 30 A/
µs Slope
• Fast Response to Input Voltage or Load Current Transients
Overcurrent protection may be provided by the addition of an
external NPN transistor and an external resistor RS2. The design
specification and procedure is given below.
V
R
Rt
VV
Rt
k
V
Rt
k
RI
OS
C
TOTAL
OUT OS
TOTAL
TOTAL
CS OMAX
=×
+




+
08
136
17
275
6
.
.
–.
()
ΩΩ
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com