Electronic Components Datasheet Search
  English  ▼

X  

ADP3155 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP3155
Description  5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3155 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP3155 Datasheet HTML 6Page - Analog Devices ADP3155 Datasheet HTML 7Page - Analog Devices ADP3155 Datasheet HTML 8Page - Analog Devices ADP3155 Datasheet HTML 9Page - Analog Devices ADP3155 Datasheet HTML 10Page - Analog Devices ADP3155 Datasheet HTML 11Page - Analog Devices ADP3155 Datasheet HTML 12Page - Analog Devices ADP3155 Datasheet HTML 13Page - Analog Devices ADP3155 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
REV. A
ADP3155
–12–
Linear Regulator Design Example
Maximum Ambient Temperature . . . . . . . . . . . . TA = +50°C
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VIN = 5 V
Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VO2 = 3.3 V
Maximum Output Current . . . . . . . . . . . . . . . IO2MAX = 0.5 A
Maximum Output Load Transient Allowed . . . VTR2 = 0.036 V
Chosen MOSFET . . . . . . . . . . . . . . . . . . . . . . . . . IRLR2703
Junction-to-Ambient Thermal Impedance (MOSFET)
1
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
°C/W
1Uses 1-inch square PCB cu-foil as heat sink.
The output voltage may be programmed by the RPROG resistor
as follows:
R
V
V
k
V
V
kk
PROG
O
=


×Ω =


×=
Ω
2
12
120
33
12
120
35
.
–
.
.
–
Ω
The current sense resistor may be calculated as follows:
R
V
I
V
A
S
O MAX
2
2
054
0 54
05
11
==
=
..
.
.
Ω
The power rating is:
P
S2 = RS2
× (I
O2MAX
× 1.1)2 = 0.33 W
Use a 0.5 W resistor.
The maximum FET junction temperature at shorted output is:
T
FETMAX = TA + (θJA × VIN × IO2MAX × 1.1) =
+50
°C + (40°C/W × 5 V × 0.5 A × 1.1) = +160°C
which is within the maximum allowed by the FET’s data sheet.
The maximum FET junction temperature at nominal output is:
TFETMAX = TA + (θJA × (VIN – VO2) × IO2MAX) =
+50
°C + (40°C/W × (5 V – 3.3 V) × 0.5 A) = +84°C
The output filter capacitor maximum allowed ESR is:
ESR ~ V
TR2/IOMAX = 0.036 V/0.5 A = 0.072
Ω
This requirement is met using a 1000
µF/10 V LXV series
capacitor from United Chemicon. For applications requiring
higher output current, a heat sink and/or a larger MOSFET
should be used to reduce the MOSFET’s junction-to-ambient
thermal impedance.
RS2
1.1
470pF
2N2222
VIN
2k
1000 F/10V
VOLDO1, 2
IOLDO1, 2
VLDO1, 2
ADP3155
FB1, 2
20k
RPROG
35k
Figure 15. Linear Regulator with Overcurrent Protection
LAYOUT AND COMPONENT PLACEMENT GUIDELINES
The following guidelines are recommended for optimal perfor-
mance of a switching regulator in a PC system:
General Recommendations
1.
For best results, a four-layer (minimum) PCB is recom-
mended. This should allow the needed versatility for con-
trol circuitry interconnections with optimal placement, a
signal ground plane, power planes for both power ground
and the input power (e.g., 5 V), and wide interconnection
traces in the rest of the power delivery current paths. Each
square unit of 1 ounce copper trace has a resistance of
~0.53 m
Ω at room temperature.
2.
Whenever high currents must be routed between PCB
layers, vias should be used liberally to create several parallel
current paths so that the resistance and inductance intro-
duced by these current paths is minimized and the via cur-
rent rating is not exceeded.
3.
The power and ground planes should overlap each other as
little as possible. It is generally easiest (although not neces-
sary) to have the power and signal ground planes on the
same PCB layer. The planes should be connected nearest
to the first input capacitor where the input ground current
flows from the converter back to the power source (e.g.,
5 V).
4.
If critical signal lines (including the voltage and current
sense lines of the ADP3155) must cross through power
circuitry, it is best if a signal ground plane can be inter-
posed between those signal lines and the traces of the
power circuitry. This serves as a shield to minimize noise
injection into the signals at the expense of making signal
ground a bit noisier.
5.
The PGND pin of the ADP3155 should connect first to a
ceramic bypass capacitor (on the VCC pin) and then into the
power ground plane using the shortest possible trace. How-
ever, the power ground plane should not extend under
other signal components, including the ADP3155 itself. If
necessary, follow the preceding guideline to use the signal
plane as a shield between the power ground plane and the
signal circuitry.
6.
The AGND pin of the ADP3155 should connect first to the
timing capacitor (on the CT pin), and then into the signal
ground plane. In cases where no signal ground plane can be
used, short interconnections to other signal ground cir-
cuitry in the power converter should be used—the compen-
sation capacitor being the next most critical.
7.
The output capacitors of the power converter should be
connected to the signal ground plane even though power
current flows in the ground of these capacitors. For this
reason, it is advised to avoid critical ground connections (e.g.,
the signal circuitry of the power converter) in the signal
ground plane between the input and output capacitors. It is
also advised to keep the planar interconnection path short
(i.e., have input and output capacitors close together).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com