Electronic Components Datasheet Search
  English  ▼

X  

ADP3408 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3408
Description  GSM Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3408 Datasheet(HTML) 5 Page - Analog Devices

  ADP3408 Datasheet HTML 1Page - Analog Devices ADP3408 Datasheet HTML 2Page - Analog Devices ADP3408 Datasheet HTML 3Page - Analog Devices ADP3408 Datasheet HTML 4Page - Analog Devices ADP3408 Datasheet HTML 5Page - Analog Devices ADP3408 Datasheet HTML 6Page - Analog Devices ADP3408 Datasheet HTML 7Page - Analog Devices ADP3408 Datasheet HTML 8Page - Analog Devices ADP3408 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
ADP3408
–5–
*RU = Thin Shrink Small Outline
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1
PWRONIN
Power On/Off Signal from
Microprocessor
2
PWRONKEY
Power-On/-Off Key
3
ROWX
Power Key Interface Output
4
SIMEN
SIM LDO Enable
5
VRTCIN
RTC LDO Input Voltage
6
VRTC
Real-Time Clock Supply/
Coin Cell Battery Charger
7
BATSNS
Battery Voltage Sense Input
8
MVBAT
Divided Battery Voltage Output
9
CHRDET
Charge Detect Output
10
CHRIN
Charger Input Voltage
11
GATEIN
Microprocessor Gate Input
Signal
12
GATEDR
Gate Drive Output
13
DGND
Digital Ground
14
ISENSE
Charge Current Sense Input
15
EOC
End of Charge Signal
16
CHGEN
Charger Enable for GATEIN,
NiMH Pulse Charging
17
RESCAP
Reset Delay Time
18
RESET
Main Reset
19
VSIM
SIM LDO Output
20
VBAT2
Battery Input Voltage 2
21
VMEM
Memory LDO Output
22
VCORE
Digital Core LDO Output
23
VBAT
Battery Input Voltage
24
VAN
Analog LDO Output
25
VTCXO
TCXO LDO Output
26
REFOUT
Output Reference
27
AGND
Analog Ground
28
TCXOEN
TCXO LDO Enable and
MVBAT Enable
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ADP3408
ISENSE
DGND
GATEDR
GATEIN
CHRIN
CHRDET
MVBAT
PWRONIN
PWRONKEY
ROWX
SIMEN
BATSNS
VRTC
VRTCIN
EOC
CHGEN
RESCAP
RESET
VSIM
VBAT2
VMEM
TCXOEN
AGND
REFOUT
VTCXO
VCORE
VBAT
VAN
ABSOLUTE MAXIMUM RATINGS
*
Voltage on any pin with respect to
any GND Pin . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +10 V
Voltage on any pin may not exceed VBAT, with the following
exceptions: CHRIN, GATEDR, ISENSE
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Operating Ambient Temperature Range . . . . . –20
°C to +85°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
θJA, Thermal Impedance (TSSOP-28)
4-Layer PCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
°C/W
1-Layer PCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
°C/W
Lead Temperature Range (Soldering, 60 sec.) . . . . . . . . 300
°C
*This is a stress rating only; operation beyond these limits can cause the device
to be permanently damaged.
ORDERING GUIDE
Core LDO
Output
Temperature
Package
Model
Voltage
Range
Option
*
ADP3408ARU-2.5 2.5 V
–20
°C to +85°C RU-28
ADP3408ARU-1.8 1.8 V
–20
°C to +85°C RU-28
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3408 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com