Electronic Components Datasheet Search
  English  ▼

X  

ADP3408 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3408
Description  GSM Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3408 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3408 Datasheet HTML 8Page - Analog Devices ADP3408 Datasheet HTML 9Page - Analog Devices ADP3408 Datasheet HTML 10Page - Analog Devices ADP3408 Datasheet HTML 11Page - Analog Devices ADP3408 Datasheet HTML 12Page - Analog Devices ADP3408 Datasheet HTML 13Page - Analog Devices ADP3408 Datasheet HTML 14Page - Analog Devices ADP3408 Datasheet HTML 15Page - Analog Devices ADP3408 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. 0
ADP3408
–13–
Applying an external charger can also turn the handset on. This
will turn on all the LDOs, except the SIM LDO, again starting
up the baseband processor. Note that if the battery voltage is
below the undervoltage lockout threshold, applying the adapter
will not start up the LDOs.
Deep Discharge Lockout (DDLO)
The DDLO block in the ADP3408 has two functions:
• To shut off the VRTC LDO in the event that the main battery
discharges to below the RTC LDO’s output voltage. This will
force the real-time clock to run off the backup coin cell or
double layer capacitor.
• To shut down the handset in the event that the software fails
to turn off the phone when the battery drops below 2.9 V to
3.0 V. The DDLO will shut down the handset when the
battery falls below 2.4 V to prevent further discharge and
damage to the cells.
Undervoltage Lockout (UVLO)
The UVLO function in the ADP3408 prevents startup when the
initial voltage of the battery is below the 3.2 V threshold. If the
battery voltage is this low with no load, there is insufficient
capacity left to run the handset. When the battery is greater than
3.2 V, such as inserting a fresh battery, the UVLO comparator
trips, and the threshold is reduced to 3.0 V. This allows the
handset to start normally until the battery decays to below
3.0 V. Note that the DDLO has enabled the RTC LDO under
this condition.
Once the system is started, and the core and memory LDOs are
up and running, the UVLO function is disabled. The ADP3408
is then allowed to run until the battery voltage reaches the
DDLO threshold, typically 2.4 V. Normally, the battery voltage
is monitored by the baseband processor and usually shuts off the
phone at around 3.0 V.
If the handset is off, and the battery voltage drops below 3.0 V,
the UVLO circuit disables startup and puts the ADP3408 into
UVLO shutdown mode. In this mode the ADP3408 draws very
low quiescent current, typically 30
µA. The RTC LDO is still
running until the DDLO disables it. In this mode the ADP3408
draws 5
µA of quiescent current. NiMH batteries can reverse
polarity if the three-cell battery voltage drops below 3.0 V which
will degrade the batteries’ performance. Lithium ion batteries
will lose their capacity if repeatedly overdischarged, so minimizing
the quiescent currents helps prevent battery damage.
RESET
The ADP3408 contains a reset circuit that is active at both
power-up and power-down. The RESET pin is held low at
initial power-up. An internal power good signal is generated by
the core LDO when its output is up, which starts the reset delay
timer. The delay is set by an external capacitor on RESCAP:
t
ms
nF
C
RESET
RESCAP
=×
12
.
(1)
At power-off, RESET will be kept low to prevent any baseband
processor starts.
Over-Temperature Protection
The maximum die temperature for the ADP3408 is 125
°C. If
the die temperature exceeds 160
°C, the ADP3408 will disable
all the LDOs except the RTC LDO. The LDOs will not be
This ensures that the handset will always power-off before the
ADP3408 exceeds its absolute maximum thermal ratings.
Battery Charging
The ADP3408 battery charger can be used with Lithium Ion
(Li+) and Nickel Metal Hydride (NiMH) batteries. The charger
initialization, trickle charging, and Li+ charging are imple-
mented in hardware. Battery type determination and NiMH
charging must be implemented in software.
The charger block works in three different modes:
• Low Current (Trickle) Charging
• Lithium Ion Charging
• Nickel Metal Hydride Charging
Charge Detection
The ADP3408 charger block has a detection circuit that deter-
mines if an adapter has been applied to the CHRIN pin. If the
adapter voltage exceeds the battery voltage by 90 mV, the
CHRDET output will go high. If the adapter is then removed
and the voltage at the CHRIN pin drops to only 45 mV above
the BATSNS pin, CHRDET goes low.
Trickle Charging
When the battery voltage is below the UVLO threshold, the
charge current is set to the Low Current Limit, or about 10% of
the full charge current. The low current limit is determined by
the voltage developed across the current sense resistor. There-
fore, the trickle charge current can be calculated by:
I
mV
R
CHR TRICKLE
SENSE
() =
20
(2)
Trickle charging is performed for deeply discharged batteries
to prevent undue stress on either the battery or the charger.
Trickle charging will continue until the battery voltage exceeds
the UVLO threshold.
Once the UVLO threshold has been exceeded the charger will
switch to the high current limit, the LDOs will start up, and the
baseband processor will start to run. The processor must then
poll the battery to determine which chemistry is present and set
the charger to the proper mode.
Lithium Ion Charging
For lithium ion charging, the CHGEN input must be low. This
allows the ADP3408 to continue charging the battery at the full
current. The full charge current can be calculated by using:
I
mV
R
CHR FULL
SENSE
() =
160
(3)
If the voltage at BATSNS is below the charger’s output voltage
of 4.2 V, the battery will continue to charge in the constant
current mode. If the battery has reached the final charge voltage,
a constant voltage is applied to the battery until the charge
current has reduced to the charge termination threshold. The
charge termination threshold is determined by the voltage across
the sense resistor. If the battery voltage is above 4.0 V and the
voltage across the sense resistor has dropped to 14 mV, an End-
of-Charge signal is generated and the EOC output goes high. See
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com